Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7AP1001-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7AP1001-3
Description  3 dB Fixed Attenuator, 4.3-10 Male to 4.3-10 Female Aluminum Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7AP1001-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7AP1001-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7AP1001-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7AP1001-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7AP1001-3 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7AP1001-3 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Coniguration
Design
Fixed
Package Style
Connectorized
Connectors
Description
Connector 1
Connector 2
Type
4.3-10 Male
4.3-10 Female
Contact Material and Plating
Beryllium Copper, Gold over Nickel
Beryllium Copper, Gold over Nickel
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Beryllium Copper, Silver
Beryllium Copper, Silver
Body Material and Plating
Brass, Nickel
Brass, Nickel
.
Environmental Speciications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-40 to +85 deg C
Ingress Protection (IP) Rating
IP67
Compliance Certiications (see product page for current document)
Plotted and Other Data
Notes:
PE7AP1001-3 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 3 dB Fixed Attenuator, 4.3-10 Male to 4.3-10 Female Aluminum Body Rated to 15 Watts Up to
6 GHz
PE7AP1001-3
RF Fix e d At t e nua t ors Te c hnic a l Da t a She e t
PE7 AP1 0 0 1 -3
3 dB Fixed Attenuator, 4.3-10 Male to 4.3-10 Female
Aluminum Body Rated to 15 Watts Up to 6 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com