Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE19XC7002 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE19XC7002
Description  2 GHz Phase Locked Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE19XC7002 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE19XC7002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE19XC7002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE19XC7002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE19XC7002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE19XC7002 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability
4
2 GHz Phase Locked Oscillator, 10 MHz External Ref., Phase Noise -100 dBc/Hz, SMA from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certiications: 2 GHz Phase Locked Oscillator, 10 MHz External Ref., Phase Noise -100 dBc/Hz, SMA
PE19XC7002
URL:
https://www.pasternack.com/2-ghz-phase-locked-oscillator-external-pe19xc7002-p.aspx
PE19XC7002 REV 1.2
Pha se Loc ke d Osc illa t ors Te c hnic a l Da t a She e t
PE1 9 X C7 0 0 2
2 GHz Phase Locked Oscillator, 10 MHz External
Ref., Phase Noise -100 dBc/Hz, SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com