Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE73SP1048 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE73SP1048
Description  Type N F/F In/Out Bulkhead Coax RF Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE73SP1048 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE73SP1048 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE73SP1048 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE73SP1048 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
•
Surge current up to 10kA
•
Max Power 10W
•
Frequency range from 2GHz to 6GHz
•
N-type female connectors
•
Waterproof IP67 rated
•
DC Block
•
VSWR <1.3:1
•
Multi-strike capability
•
CE & RoHS compliant
Applications
•
WiFi
•
Cellular communication systems
.
Description
RF surge protector (also known as lightning arrester) PE73SP1048 from Pasternack utilizing a patented DC shorted ilter
design enables an almost instantaneous response to a lightning surge to protect critical hardware while maintaining the RF
performance. This RF surge protector component is manufactured in a coaxial in-line design with wide operating frequency
range. All Pasternack RF surge protector products are available in stock with same day shipping.
Electrical Speciications
Surge Protector Type
Surge Filter
DC Handling
DC Block
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
6
GHz
Impedance
50
Ohms
VSWR
1.2:1
1.3:1
Return Loss
20
dB
Insertion Loss
0.1
0.2
dB
Input Power, CW
10
Watts
Surge Current
10,000
Amps
IEC 61000-4-5 8/20µs WAVEFORM
Throughput Energy
0.5
µJ
FOR 3kA @8/20µs WAVEFORM
.
Mechanical Speciications
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: Type N F/F In/Out Bulkhead Coax RF Surge Protector, 2GHz - 6GHz, DC Block, 10W, IP67,
10kA, Filter PE73SP1048
PE73SP1048 REV 1.0
Type N F/F In/Out Bulkhead Coax RF Surge Protector,
2GHz - 6GHz, DC Block, 10W, IP67, 10kA, Filter
RF Surge Prot e c t ors Te c hnic a l Da t a She e t
PE7 3 SP1 0 4 8


Similar Part No. - PE73SP1048

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
More results

Similar Description - PE73SP1048

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1004 PASTERNACK-PE73SP1004 Datasheet
223Kb / 3P
7/16 F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1035 PASTERNACK-PE73SP1035 Datasheet
252Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1036 PASTERNACK-PE73SP1036 Datasheet
239Kb / 3P
Type N M/F In/Out Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com