Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB647 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SB647
Description  Silicon PNP Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB647 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SB647 Datasheet HTML 1Page - Renesas Technology Corp 2SB647 Datasheet HTML 2Page - Renesas Technology Corp 2SB647 Datasheet HTML 3Page - Renesas Technology Corp 2SB647 Datasheet HTML 4Page - Renesas Technology Corp 2SB647 Datasheet HTML 5Page - Renesas Technology Corp 2SB647 Datasheet HTML 6Page - Renesas Technology Corp 2SB647 Datasheet HTML 7Page - Renesas Technology Corp 2SB647 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SB647, 2SB647A
3
Maximum Collector Dissipation
Curve
1.2
0.8
0.4
0
50
150
100
Ambient Tmperature Ta (
°C)
Typical Output Characteristics
–1.0
–0.8
–0.6
–0.4
–0.2
0
–2
–10
–6
–4
–8
IB = 0
–0.5mA
–2
–1
–5
–10
–20
–30
–40
–60
–80
–100
–120
Collector to Emitter Voltage VCE (V)
P
C
= 0.9
W
Typical Transfer Characteristics
–500
–200
–100
–50
–20
–10
–5
–2
–1
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCE = –5 V
Pulse
Base to Emitter Voltage VBE (V)
DC Current Transfer Ratio
vs. Collector Current
VCE = –5 V
Pulse
Ta = 75°C
600
500
400
300
200
100
0
–1
–3
–30
–300
–10
Collector Current IC (mA)
–100
–1,000
25
–25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com