Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2601 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB2601
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2601 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB2601 Datasheet HTML 16Page - SMSC Corporation USB2601 Datasheet HTML 17Page - SMSC Corporation USB2601 Datasheet HTML 18Page - SMSC Corporation USB2601 Datasheet HTML 19Page - SMSC Corporation USB2601 Datasheet HTML 20Page - SMSC Corporation USB2601 Datasheet HTML 21Page - SMSC Corporation USB2601 Datasheet HTML 22Page - SMSC Corporation USB2601 Datasheet HTML 23Page - SMSC Corporation USB2601 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
Revision 1.3 (05-25-05)
20
SMSC USB2601/USB2602
DATASHEET
Notes:
Hot-insertion capable card connectors are required for all flash media. It is required for SD
connector to have Write Protect switch. This allows the chip to detect MMC card.
nMCE is normally asserted except when the 8051 is in standby mode.
6.2
Buffer Type Descriptions
3.3V Analog Power
VDDA33
3.3v Analog PHY Power
DIGITAL POWER, GROUNDS, and NO CONNECTS
1.8v Digital Core
Power
VDD18
+1.8V Core power
All VDD18 pins must be connected together on the
circuit board.
3.3v Power & &
Voltage Regulator
Input
VDD33
3.3V Power & Regulator Input.
pin 87 supplies 3.3V power to the internal 1.8V VDD18
regulator.
Ground
VSS
Ground Reference
No Connect
NC
No Connect. No trace or signal should be
routed/attached to these pins.
Table 6.1 USB2601/USB2602 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IPU
Input with internal weak pull-up resistor.
IPD
Input with internal weak pull-down resistor.
IS
Input with Schmitt trigger
I/O8
Input/Output buffer with 8mA sink and 8mA source.
I/O8PU
Input/Output buffer with 8mA sink and 8mA source, with an internal weak pull-up resistor.
I/O8PD
Input/Output buffer with 8mA sink and 8mA source, with an internal weak pull-down
resistor.
O8
Output buffer with 8mA sink and 8mA source.
O8PU
Output buffer with 8mA sink and 8mA source, with an internal weak pull-up resistor.
O8PD
Output buffer with 8mA sink and 8mA source, with an internal weak pull-down resistor.
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
Analog Input/Output Defined in USB specification
AIO
Analog Input/Output
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com