Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPTC0805 Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # PPTC0805
Description  Resettable PTCS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

PPTC0805 Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  PPTC0805 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd PPTC0805 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd PPTC0805 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Overcurrent protection device
Trustworthy electronic circuit protection expert
0805 Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics
Model
Vmax(dc)
Imax(A)
Ihold
@25℃
(A)
Itrip @
25℃
(A)
Pd
Max(
W)
Max Time
to trip
Resistance
Current
(A)
Time
(Sec)
R1min
(Ω)
R1max(
Ω
)
SMD0805-010
15.0
100
0.10
0.30
0.5
0.5
1.50
1.000
6.000
SMD0805-020
9.0
100
0.20
0.50
0.5
8.0
0.02
0.650
3.500
0805-020-15V
15.0
100
0.20
0.50
0.5
8.0
0.02
0.650
3.500
SMD0805-035
6.0
100
0.35
0.75
0.5
8.0
0.10
0.250
1.200
SMD0805-050
6.0
100
0.50
1.00
0.5
8.0
0.10
0.150
0.850
SMD0805-075
6.0
40.0
0.75
1.50
0.6
8.0
0.20
0.090
0.385
SMD0805-100
6.0
100
1.00
1.95
0.6
8.0
0.30
0.060
0.230
0805-100-12V
12.0
100
1.00
1.95
0.6
8.0
0.30
0.060
0.230
SMD0805-110
6.0
100
1.10
2.20
0.6
8.0
0.30
0.060
0.210
SMD0805-125
6.0
100
1.25
2.50
0.6
8.0
0.60
0.030
0.140
●
Ih=Hold current: maximum current at which the device will not trip at 25 still air .
●
It =Trip current minimum current at which the device will always trip at 25℃ still air .
●
Vmax=Maximum voltage device can withstand without damage at rated current.
●
Imax=Maximum fault current device can withstand without damage at rated voltage.
●
Ttrip=Maximum time to trip at 5 times hold current
●
Rmax=Maximum device resistance at 25 prior to tripping.
●
Rmin=Minimum device resistance at 25 prior to tripping.
●
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Thermal Deration Chart-Ihold
MODEL
Max ambient operating temperature Vs.hold current (Ihold)
-40℃
-20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
SMD0805-010
0.14
0.12
0.11
0.10
0.08
0.07
0.06
0.05
0.03
SMD0805-020
0.28
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
SMD0805-035
0.47
0.44
0.39
0.35
0.30
0.27
0.24
0.20
0.14
SMD0805-050
0.68
0.62
0.55
0.50
0.40
0.37
0.33
0.29
0.23
SMD0805-075
1.00
0.90
0.79
0.75
0.63
0.57
0.53
0.41
0.34
SMD0805-100
1.35
1.25
1.15
1.00
0.82
0.74
0.65
0.55
0.42
SMD0805-110
1.50
1.37
1.27
1.10
0.90
0.81
0.72
0.60
0.46
SMD0805-125
1.70
1.56
1.42
1.25
1.02
0.93
0.81
0.69
0.52



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com