Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B127-100-H Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B127-100-H
Description  HDMI over Cat6 Active Remote Receiver with PoC - 4K x 2K @ 60 Hz, 4:4:4, 125 ft. (38.1 m), TAA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B127-100-H Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B127-100-H Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B127-100-H Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B127-100-H Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
HDCP Specification
2.2
Audio Specification
True uncompressed 7.1 Channel, DTS-HD & Dolby-TrueHD digital audio
Driver Required
No
Recommended Category Cable
Solid Wire Cat6 Cables (Tripp Lite's N202-Series)
Max Supported Color Depth
24-bit True Color
EDID Compatible
Yes
Power Over Cable (PoC) Support
Yes
Technology
A/V over IP; Cat6; HDMI; HDR
Chroma Sub Sampling
4:4:4
SPECIAL FEATURES
HDR Support
Yes
CERTIFICATIONS
Certifications
Tested to CE, FCC, REACH, RoHS
WARRANTY
Product Warranty Period
(Worldwide)
1-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com