Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-786J Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-786J
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-786J Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-786J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications (DC)
Unless otherwise noted, all specifications are at VIN+ = 0 V and VIN- = 0 V, all Typical specifications are at TA = 25°C and
VDD1 = VDD2 = 5 V, and all Minimum and Maximum specifications apply over the following ranges: TA = -40°C to +85°C,
VDD1 = 4.5 to 5.5 V and VDD2 = 4.5 to 5.5 V.
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Ambient Operating Temperature
TA
-40
85
°C
Supply Voltages
VDD1, VDD2
05.5
V
Steady-State Input Voltage
VIN+, VIN-
-2.0
VDD1 + 0.5
V
1
Two Second Transient Input Voltage
-6.0
Output Voltages
MCLK, MDAT
-0.5
VDD2 + 0.5
V
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
2
Solder Reflow Temperature Profile
See Maximum Solder Reflow Thermal Profile section
Parameter
Symbol
Min.
Max.
Units
Note
Ambient Operating Temperature
TA
-40
+85
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Input Voltage
VIN+, VIN-
-200
+200
mV
1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Average Input Bias Current
IIN
-0.8
µA
1
3
Average Input Resistance
RIN
450
k
Ω
3
Input DC Common-Mode
Rejection Ratio
CMRRIN
60
dB
4
Output Logic High Voltage
VOH
3.9
4.9
V
IOUT = -100 µA
Output Logic Low Voltage
VOL
0.1
0.6
V
IOUT = 1.6 mA
Output Short Circuit Current
|IOSC|30
mA
VOUT = VDD2
or GND2
5
Input Supply Current
IDD1
10
15
mA
VIN+ = -350 mV
to +350 mV
2
Output Supply Current
IDD2
10
15
mA
3
Output Clock Frequency
fCLK
8.2
10
13.2
MHz
4
Data Hold Time
tHDDAT
15
ns
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com