Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1810 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD1810
Description  HIGH SPEED QUAD MOSFET DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1810 Datasheet(HTML) 3 Page - Supertex, Inc

  MD1810 Datasheet HTML 1Page - Supertex, Inc MD1810 Datasheet HTML 2Page - Supertex, Inc MD1810 Datasheet HTML 3Page - Supertex, Inc MD1810 Datasheet HTML 4Page - Supertex, Inc MD1810 Datasheet HTML 5Page - Supertex, Inc MD1810 Datasheet HTML 6Page - Supertex, Inc MD1810 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NR090105
MD1810
AC Electrical Characteristics (V
H = VDD = 12V, VL = VSS = GND = 0V, VOE = 3.3V, TJ = 25°C)
Sym.
Parameter
Min.
Typ.
Max.
Units
Conditions
t
irf
Input or OE rise & fall time
10
ns
Logic input edge speed requirement
t
PLH
Propagation delay when output
is from low to high
7ns
C
LOAD = 1000pF, see timing diagram
Input signal rise/fall time 2ns
t
PHL
Propagation delay when output
is from high to low
7ns
t
POE
Propagation delay OE to output
9
ns
t
r
Output rise time
6
ns
t
f
Output fall time
6
ns
l t
r - tf l
Rise and fall time matching
1.0
ns
for each channel
l t
PLH-tPHL l
Propagation low to high and
high to low matching
1.0
ns
∆t
dm
Propagation delay matching
±2.0
ns
Device to device delay match
Logic Truth Table
Logic Inputs
Output
OE
IN
HL
V
L
HH
V
H
L
X
High Z
Timing Diagram and V
TH / VOE Curve
VOE
VTH
0
0.5
1.0
1.5
2.0
1.0
2.0
3.0
4.0
5.0
0
0.6V
VOE/2
0V
1.8V
IN
tPLH
10%
90%
50%
0V
12V
50%
OUT
tPHL
tr
90%
10%
tf
VTH vs VOE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com