Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6960EVCMODU Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6960EVCMODU
Description  MAX6960 Evaluation Kit/Evaluation System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6960EVCMODU Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6960EVCMODU Datasheet HTML 1Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 2Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 8Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
This quick start includes directions for using only one
MAX6960 EV kit board. See the Cascading MAX6960
EV Kit Boards section when using more than one
MAX6960 EV kit.
Recommended Equipment
• The MAX6960 EV system
MAX6960EVKIT
CMODUSB serial interface board
(USB cable included)
• Power supply: +5V at 2.5A per MAX6960 EV kit
• A user-supplied Windows 98SE/2000/XP PC with USB
Proceedure
Do not turn on the power until all connections are
made.
1) Verify jumper J1 on the CMODUSB board is con-
nected to pins 2-3. This process sets the logic sup-
ply to 3.3V.
2) Verify the following MAX6960 EV kit jumpers are in
the default positions:
JU1: (2-3)
JU10: (2-3)
JU2: (2-3)
JU11: (2-3)
JU3: (1-2)
JU12: (Open)
JU4: (2-3)
JU13: (1-2)
JU5: (2-3)
JU14: (1 only)
JU6: (1-2)
JU15: (1-2)
JU7: (2-3)
JU16: (1-2)
JU8: (2-3)
JU15: (1 only)
JU9: (1-2)
MAX6960 Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
Component List (continued)
Quick Start
DESIGNATION
QTY
DESCRIPTION
JU1–JU5,
JU7–JU11, JU13
11
3-pin headers
JU6, JU14–JU17
5
2-pin headers
JU12
0
PC board trace power jumper,
not installed (open)
L1
1
1.5µH inductor (ISAT = 4A)
Sumida CDRH6D28 4762T064
R1, R2, R3, R6,
R7
51k
Ω ±5% resistors (0603)
R4
1
10
Ω ±5% resistor (0603)
R5
1
84.5k
Ω ±1% resistor (0603)
RP1–RP8
0
20k
Ω potentiometers, top adjust,
not installed
U1–U4
4
MAX6960ATH (44-pin TQFN, 7mm
x 7mm x 0.8mm)
U5–U9, U13
6
Three-state logic buffers
(5-pin SOT23)
Fairchild Semiconductor
NC7SZ126M5X
Top
mark
7Z26
U10
1
4MHz silicon oscillator
(3-pin SC70)
Maxim MAX7375AXR405-T
Top
mark
AOR
U11
1
8-channel multiplexer
(16-pin TSSOP)
Maxim MAX4617EUE
U12
1
3A step-down switching regulator
(16-pin QSOP)
Maxim MAX1831EEE
—
16
Shunts
—
1
MAX6960EVKIT blank PC board
—
1
MAX6960EVKIT SW CD-ROM
MAX6960 EV Kit
MAX6960 EV Kit Files
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer.
MAX6960.EXE
Runs application program.
HELPFILE.HTM
Opens the MAX6960 EV kit Helpfile.
TROUBLESHOOTING
USB.PDF
Opens the USB driver installation help
file.
FTD2XX.INF
USB device driver file.
UNINST.INI
Uninstalls the EV kit software.
*.CM2
MAX6960 8-bit write script files.
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Lumex, Inc.
800-278-5666
www.lumex.com
Panasonic
714-373-7366
www.panasonic.com
Sumida USA
847-545-6700
www.sumida.com
TDK
847-803-6100
www.component.tdk.com
Note: Indicate you are using the MAX6960 when contacting
these component suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com