| Electronic Components Datasheet Search |
|
WM8802SCFTV Datasheet(PDF) 12 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802SCFTV Datasheet(HTML) 12 Page - Wolfson Microelectronics plc |
|
12 / 65 page ![]() WM8802 Product Preview w PP Rev 1.1 April 2004 12 DEMODULATION FUNCTION MASTER/SLAVE SETTINGS ( CKST ) A master/slave function allows multi-channel synchronized transfer using multiple WM8802 devices. A 10k Ω pull-down or a pull-up resistor should be connected to CKST to set this function. Set the master mode when using only one WM8802. When using multiple WM8802 devices, set one to the master mode and the others to slave mode. In order to perform multi-channel transfer when using multiple WM8802 devices, RBCK and RLRCK (output) should be connected as the master and RLRCK (input) as the slave. XMCK of the master device should be connected to XIN of the slave device. The same polarity should be set for RBCK and RLRCK and the same frequency for XIN and XMCK. Some of the output data maybe dropped or read twice on the slave side if the input data sampling frequency or the phase between the master and slave differ. This can also be true if the clock sources differ even though the sampling frequencies are the same. This phenomenon can be checked using the INT pin and the micro-controller interface. CKST MODE Pull-down Master mode Pull-up Slave mode Table 3 Master/Slave Switching PIN MASTER MODE SLAVE MODE RMCK Output Low RBCK Output Input RLRCK Output Input Table 4 Clock Pin State MODULATION FUNCTION AND GENERAL-PURPOSE I/O PORT SWITCHING ( INT ) The modulation function and the general-purpose I/O function share the same pin and therefore cannot be used simultaneously. A 10k Ω pull-down or pull-up resistor can be connected to INT to select the function listed in Table 5. INT STATE FUNCTION pull-down Modulation f unction Pull-up General-purpose I/O Table 5 Modulation Function and General-Purpose I/O Switching |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |