Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH342 Datasheet(PDF) 2 Page - Anachip Corp

Part # AH342
Description  Active High/Low Complementary Output Hall-effect Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH342 Datasheet(HTML) 2 Page - Anachip Corp

  AH342 Datasheet HTML 1Page - Anachip Corp AH342 Datasheet HTML 2Page - Anachip Corp AH342 Datasheet HTML 3Page - Anachip Corp AH342 Datasheet HTML 4Page - Anachip Corp AH342 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AH342
Active High/Low Complementary Output Hall-effect Latch
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 30, 2005
2/5
Block Diagram
660
510
OUTPUT AMP
7.5V
SOURCE
SINK
I
O
Voltage
Regulator
Hall
Sensor
Amp
and
Trigger
Interface
Circuit
Output
Amp
#1
Output
Amp
#2
IO
1
IO
2
Absolute Maximum Ratings (Note 1)
Characteristics
Sym.
Conditions
Values
Unit
Supply voltage
VCC
-40
oC to 125oC
±28
V
Voltage Externally Applied to Output
VOUT -40
oC to 125oC
-1.2 to 5
V
Output Current
Ic
±10
mA
Magnetic Flux density
B
No limit; the circuit
cannot be damaged by
magnetic overdrive
Unlimited
Operation Temperature
TOPR
-40 to 125
°C
Storage Temperature
TSTG No power applied
-40 to 150
°C
Note 1: Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However, the
electrical and magnetic characteristics are not guaranteed as the maximum limits (above recommended operating conditions)
are approached nor will the device necessarily operate at absolute maximum rating.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com