Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1002 Datasheet(PDF) 4 Page - SMSC Corporation

Part # EMC1002
Description  1C Dual SmBus Sensor with Resistance Error Correction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 Datasheet(HTML) 4 Page - SMSC Corporation

  EMC1002 Datasheet HTML 1Page - SMSC Corporation EMC1002 Datasheet HTML 2Page - SMSC Corporation EMC1002 Datasheet HTML 3Page - SMSC Corporation EMC1002 Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 2 8-Pin SOIC and 8-Pin SOIC (Lead-Free) Package Outline and Parameters - 3.9mm Body 1.27 mm Pitch
A
INITIAL RELEASE
7/07/04
S.K.ILIEV
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETER.
2. TRUE POSITION SPREAD TOLERANCE IS ± 0.125mm AT MAXIMUM MATERIAL CONDITION.
3. PACKAGE BODY DIMENSION "D" DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR
GATE BURRS. MAXIMUM MOLD FLASH, PROTRUSIONS OR GATE BURRS IS 0.15 mm PER
END. DIMENSION "E1" DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION.
MAXIMUM INTERLEAD FLASH OR PROTRUSION IS 0.25 mm PER SIDE. "D1" & "E1"
DIMENSIONS ARE DETERMINED AT DATUM PLANE "H".
4. DIMENSIONS "b" & "c" APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.10 TO
0.25 mm FROM THE LEAD TIP.
5. THE CHAMFER FEATURE IS OPTIONAL. IF IT IS NOT PRESENT, THEN A PIN 1 IDENTIFIER
MUST BE LOCATED WITHIN THE INDEX AREA INDICATED.
A
A2
A1
L
L1
SEATING PLANE
SIDE VIEW
ccc C
0
0.25
GAUGE PLANE
H
3-D VIEW
D
8X b
e
TOP VIEW
E1
C
3
INDEX AREA
(D/2 X E1/2)
12
8
E
2
4
END VIEW
c
4
3
SEE DETAIL "A"
5
DETAIL "A"
SCALE: 3/1
DECIMAL
X.X
X.XX
X.XXX
MATERIAL
FINISH
STD COMPLIANCE
THIRD ANGLE PROJECTION
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
APPROVED
ANGULAR
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
AND TOLERANCES ARE:
DIM AND TOL PER ASME Y14.5M - 1994
DRAWN
CHECKED
NAME
SCALE
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
DWG NUMBER
TITLE
DATE
SHEET
REV
REVISION HISTORY
DESCRIPTION
REVISION
RELEASED BY
DATE
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
±1°
-
-
±0.025
±0.05
±0.1
7/07/04
1:1
7/07/04
7/07/04
A
JEDEC: MS-012 / AA
1 OF 1
8 PIN SOIC, 3.9mm BODY WIDTH, 1.27mm PITCH
PACKAGE OUTLINE
MO-8-SOIC-4.9x3.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com