Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

824-00431F Datasheet(PDF) 4 Page - E&E Magnetic Products Limited

Part # 824-00431F
Description  CSCoHmEpMlAiaTInCtSwith IEEE802.3 standard including 350uH OCL with 8mA DC Bias
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EEMAGNETIC [E&E Magnetic Products Limited]
Direct Link  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-00431F Datasheet(HTML) 4 Page - E&E Magnetic Products Limited

  824-00431F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-00431F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-00431F Datasheet HTML 3Page - E&E Magnetic Products Limited 824-00431F Datasheet HTML 4Page - E&E Magnetic Products Limited 824-00431F Datasheet HTML 5Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SCHEMATICS
SCHEMATICS
824-00412R/ 824-00457R
Line Side (Secondary)
1
48
2
47
3
46
4
45
5
44
6
43
7
42
8
41
9
40
10
39
11
38
12
37
13
36
14
35
15
34
16
17
32
18
31
19
30
20
29
21
28
22
27
23
26
24
25
33
Chip Side (Primary)
SCHEMATICS
SCHEMATICS
824-00423F
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
47
44
41
38
35
32
29
26
48
45
42
39
36
33
30
27
46
43
40
37
34
31
28
25
2
5
8
11
14
17
20
23
1
4
7
10
13
16
19
22
3
6
9
12
15
18
21
24
CHIP SIDE
(Primary)
LINE SIDE
(Secondary)
SCHEMATICS
SCHEMATICS
824-00431F
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
49
44
41
38
35
32
29
26
50
45
42
39
36
33
30
27
46
43
40
37
34
31
28
2
5
8
11
14
17
20
23
1
4
7
10
13
16
19
22
3
6
9
12
15
18
21
25
CHIP SIDE (Primary)
LINE SIDE (Secondary)
24
47
48
E&E Magnetic Products Limited
1000BASE-T DUAL PORT
MAGNETIC MODULE
Revised in 07/12
1/F., Harbour View 1, No.12 Science Park East Avenue, Phase II, Hong Kong Science Park, Shatin, N.T. Hong Kong
Tel: (852) 2954 3333
Fax: (852) 2954 3304
EH118(01)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com