Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM372C410CS Datasheet(PDF) 14 Page - Samsung semiconductor

Part # KMM372C410CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372C410CS Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KMM372C410CS Datasheet HTML 10Page - Samsung semiconductor KMM372C410CS Datasheet HTML 11Page - Samsung semiconductor KMM372C410CS Datasheet HTML 12Page - Samsung semiconductor KMM372C410CS Datasheet HTML 13Page - Samsung semiconductor KMM372C410CS Datasheet HTML 14Page - Samsung semiconductor KMM372C410CS Datasheet HTML 15Page - Samsung semiconductor KMM372C410CS Datasheet HTML 16Page - Samsung semiconductor KMM372C410CS Datasheet HTML 17Page - Samsung semiconductor KMM372C410CS Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DRAM MODULE
KMM372C410CK/CS
KMM372C400CK/CS
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
ROW
ADDR
tRAS
tRC
tRP
tASR
tRAH
tCRP
Don
′t care
RAS - ONLY REFRESH CYCLE
Undefined
NOTE : W, OE, DIN = Don
′t care
DOUT = OPEN
tRPC
tCRP
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE, A = Don
′t care
RAS
VIH -
VIL -
CAS
VIH -
VIL -
tRAS
tRC
tRP
tWRP
tRPC
tRP
tCP
tCHR
tCSR
W
VIH -
VIL -
tWRH
tOFF
tRPC
VOH -
VOL -
DQ
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com