Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HST016IL Datasheet(PDF) 2 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HST016IL
Description  Hall split c ore current sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HST016IL Datasheet(HTML) 2 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HST016IL Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd. HST016IL Datasheet HTML 2Page - Beijing Yaohuadechang Electronic Co., Ltd. HST016IL Datasheet HTML 3Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
±100A
±200A
±4V
1%
1%
±12V
±15V
±15mA
≥10KΩ
≤±15mV
<3μs
100g
-10~+70℃
-25~+85℃
DC~25KHz
2.5KV 50Hz 1min
IP
IPM
VOUT
X
εL
VC
IC
RL
VOE
TR
N.W
BW
Ta
Ts
Vd
*Subject to actual measurement
*Factory test according to DC
*Saturation current 500A
*Alternative power supply
Technical index and electrical parameter
Rated input
Measuring range
Rated output
Accuracy
Linearity
Supply voltage(±5%)
Current consumption
Load impedance
Zero Offset TA=25℃
Response time
Weight
Work temperature
Storage temperature
Band width
Dielectric strength
Instructions for use:
1.Pay attention to the direction of the current and wire it according to marked wiring.
2.The temperature of the primary conductor should not exceed 100 degrees.
3.Response time and follow-up are optimal for full hole measurement.
Primary threading method:
1.Open the buckle
2.Open up
3.In the lead
4.Fasten the buckle
Qinhuangdao Dechang Electric Co.,Ltd
www.yhdc.com
Email:yhdc@yhdc.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com