Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HST016L Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HST016L
Description  Hall split c ore current sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HST016L Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HST016L Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd. HST016L Datasheet HTML 2Page - Beijing Yaohuadechang Electronic Co., Ltd. HST016L Datasheet HTML 3Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hall split core current sensor
1/3
Open loop split core type,hanging installation,Leading wire output.Testing DC current and pulse current,original
circuit and second-side circuit is high insulated.
Mobel
:HST016L
Ip
Vout
0V
+Vc
-Vc
Serial
number
input
output
Supply
①
200A
4V
±12V
②
200A
4V
±15V
③
200A
5V
±12V
④
200A
5V
±15V
⑤
200A
10V
±15V
Characteristics:
•Small size
•Light-weight
•Low power dissipation
•Good linearity
•No insertion loss
•Low response time
•Good anti-interference ability
Product application:
•Railway
•Metallurgy
•Welding machine
•Wattmeter
•Robot
•DC motor
•Inverter
•Variable-frequence governor
•Vehicle power management system
•UPS Uninterruptible power supply and
communication power supply
Principle:Using hall device directly detects the primary
magnetic field generated by the current in the primary
conductor, and output voltage signal by linearly amplifies.
The inside of the sensor uses a unique stable temperature
compensation circuit to reduce the influence of external
voltage and temperature on the sensor to lowest.
amplifier
Qinhuangdao Dechang Electric Co.,Ltd
www.yhdc.com
Email:yhdc@yhdc.com


Similar Part No. - HST016L

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST016I YHDC-HST016I Datasheet
1Mb / 3P
Hall split c ore current sensor
HST016IL YHDC-HST016IL Datasheet
1Mb / 3P
Hall split c ore current sensor
More results

Similar Description - HST016L

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST21-300A YHDC-HST21-300A Datasheet
6Mb / 1P
Hall split core current sensor
HST21-400A YHDC-HST21-400A Datasheet
6Mb / 1P
Hall split core current sensor
HST30-300A YHDC-HST30-300A Datasheet
4Mb / 1P
Hall split core current sensor
HSTS016L-100A YHDC-HSTS016L-100A Datasheet
940Kb / 1P
Hall split core current sensor
HSTS016L-200A YHDC-HSTS016L-200A Datasheet
940Kb / 1P
Hall split core current sensor
HSTS21-600A YHDC-HSTS21-600A Datasheet
6Mb / 1P
Hall split core current sensor
HST016IL YHDC-HST016IL Datasheet
1Mb / 3P
Hall split c ore current sensor
HSTS016I YHDC-HSTS016I Datasheet
1Mb / 3P
Hall split c ore current sensor
HSTS016IL YHDC-HSTS016IL Datasheet
1Mb / 3P
Hall split c ore current sensor
HST016I YHDC-HST016I Datasheet
1Mb / 3P
Hall split c ore current sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com