Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1815SF Datasheet(PDF) 1 Page - Turck, Inc.

Part # SMB1815SF
Description  Ultrasonic sensor emitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

SMB1815SF Datasheet(HTML) 1 Page - Turck, Inc.

  SMB1815SF Datasheet HTML 1Page - Turck, Inc. SMB1815SF Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrasonic sensor
emitter
T186UEQ
1 / 2
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com
Type designation
T186UEQ
Ident no.
3038509
Range
0…600 mm
Ultrasound frequency
230 kHz
Operating voltage
12…30 VDC
Residual ripple
10 % U
ss
DC rated operational current
ð
50 mA
Response time typical
1 ms
Readiness delay
100 ms
Reverse polarity protection
yes
Design
Rectangular with thread,T18U
Radiation direction
straight
Dimensions
30 x Ø 40 mm
Housing material
Plastic, PBT
Transducer material
Plastic, Epoxyd resin and PU foam
Electrical connection
Connectors, M12 × 1
Protection class
IP67
Ambient temperature
-40…+70 °C
Approvals
CE
Power-on indication
LED,Green
■ Blind zone: 0 cm
■ Range: 60 cm
■ Compact design
■ Connection via male M12 x 1
Wiring Diagram
Functional principle
Ultrasonic sensors detect a multitude of ob-
jects contactless and wear-free with ultrason-
ic waves. Regardless of whether the object is
transparent or opaque, metallic or non-metal-
lic, liquid, solid or powdery. Even environmen-
tal conditions such as spray, dust or rain hard-
ly affect their function.


Similar Part No. - SMB1815SF

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SMB1815SF BANNER-SMB1815SF Datasheet
409Kb / 8P
T30 Series with Analog and Discrete Outputs
More results

Similar Description - SMB1815SF

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
UC6000-30GM-2EP-IO-V15 PF-UC6000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
Ultrasonic sensor
UC6000-30GM70-IE2R2-V15 PF-UC6000-30GM70-IE2R2-V15 Datasheet
1Mb / 6P
Ultrasonic sensor
UC6000-30GM70S-IE2R2-V15 PF-UC6000-30GM70S-IE2R2-V15 Datasheet
881Kb / 6P
Ultrasonic sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com