Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88655AB Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88655AB
Description  5-Port 10/100/1000BASE-T Ethernet Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88655AB Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88655AB Datasheet HTML 6Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 7Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 8Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 9Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 10Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 11Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 12Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 13Page - ASIX Electronics Corporation AX88655AB Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ASIX ELECTRONICS CORPORATION
10
AX88655AB 5-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
CLK_80IN
I
L19
System clock input :85~90M
F1
I
M1
Frequency 1 input, must pull high with 4.7K ohm resistor
F2
I
M19
Frequency 2 input from PHY 125M clock source.
F2_CTL
I
D2
Frequency 2 input enable, must pull low with 4.7K ohm resistor
X_IN
I
M20
Crystal or OSC 25MHz Input: This is a clock source of internal PLL.
X_OUT
O
L20
Crystal 25MHz Output: This pin should be floating with single-ended
external clock.
/RST
I
D1
Reset: Active Low
MDIO
I/O/PU
H2
Station Management Data In/Out: PHY Management Data Input and
Output.
MDC
O
H1
Station Management Data Clock Out: PHY Management Clock.
SDIO
I/O/PU
J2
EEPROM Data In/Out: EEPROM Serial Data Input and Output.
SDC
I/O/PU
J1
EEPROM Data Clock In/Out: EEPROM Serial Clock. (Note: It is
output pin if the embedded MPU is active; otherwise as input pin)
SID[4:0]
I/PD
I/PD
I/PD
I/UP
I/UP
F2, F1,
E4, E3, E2
Switch ID: MPU can identify the switch and PHYs with this ID.
Default is “00011b”.
GPIO[4:0]
I/O/PU
K3, K2,
K1, J4, J3
General Purpose I/O: The 5 GPIOs can be programmed for special
application. (Note: The function is not released to user normally. Please
contact with ASIX directly if any requirement)
VDD33
P
D6, D13, G4,
J17, P4, U7
3.3V +/-5% Supply Voltage.
VDD18
P
D7, H4, N4,
N17, U8, U13
1.8V +/-5% Supply Voltage.
AVDD18
P
M17, L17, K17 1.8V +/-5% Supply Voltage for PLL.
VSS
P
D12, J9, J10,
J11, J12, K4,
K9, K10, K11,
K12, L4, L9,
L10, L11,
L12,, M9,
M10, M11,
M12, N18,
U15, M18,
L18, K18
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com