Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM372V213CS Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KMM372V213CS
Description  2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V213CS Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KMM372V213CS Datasheet HTML 9Page - Samsung semiconductor KMM372V213CS Datasheet HTML 10Page - Samsung semiconductor KMM372V213CS Datasheet HTML 11Page - Samsung semiconductor KMM372V213CS Datasheet HTML 12Page - Samsung semiconductor KMM372V213CS Datasheet HTML 13Page - Samsung semiconductor KMM372V213CS Datasheet HTML 14Page - Samsung semiconductor KMM372V213CS Datasheet HTML 15Page - Samsung semiconductor KMM372V213CS Datasheet HTML 16Page - Samsung semiconductor KMM372V213CS Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DRAM MODULE
KMM372V213CK/CS
tCAC
tASC
tASC
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
VI/OH -
VI/OL -
DQ
ROW
ADDR
tCSH
tRASP
tASR
VALID
Don
′t care
FAST PAGE READ - MODIFY - WRITE CYCLE
DATA-OUT
Undefined
tRCD
tCP
tRAD
tCAH
tWP
tDH
COL.
ADDR
COL.
ADDR
tCAS
tCAS
tCRP
tCAH
tRAL
tPRWC
tRCS
tCWL
tCWD
tAWD
tRWD
tWP
tCWD
tAWD
tCWL
tAA
tRAC
tOEA
tCLZ
tCAC
tOEZ
tCPWD
tOED
VALID
DATA-IN
VALID
DATA-OUT
VALID
DATA-IN
tCLZ
tDS
tOEA
tAA
tDH
tDS
tOEZ
tOED
tRWL
tRP
tRSH
tRAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com