Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D449-R1RA-G2 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # D449-R1RA-G2
Description  Single and Double Pole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

D449-R1RA-G2 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  D449-R1RA-G2 Datasheet HTML 1Page - ZF Friedrichshafen AG D449-R1RA-G2 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last saved by 2015-02-26, Specifications subject to change without notice.
Miniature Snap Switch
Single and Double Pole
D4 Series
Features
Choice of standard or light operating force
Long life coil spring mechanism
RoHS compliant
Cadmium free
Various aux actuators
Various terminal types
Agency approved extended life versions available
Standard Parts
1
D413-R1AA-G2
D429-R1TD-G2
D433-R1AA-G2
D443-R1LD-G2
D449-R1LL-G2
D453-R1RA-G2
D413-R1LA-G2
D429-R1AA-G2
D433-R1LD-G2
D443-R1MD-G2
D449-R1MD-G2
D453-R1RD-G2
D413-R1LD-G2
D429-R1LD-G2
D433-R1RA-G2
D443-R1RA-G2
D449-R1ML-G2
D459-R1AA-G2
D413-R1RA-G2
D429-R1LL-G2
D433-R1RD-G2
D443-R1RD-G2
D449-R1RA-G2
D459-R1LD-G2
D419-R1AA-G2
D429-R1MD-G2
D439-R1LL-G2
D449-R1AA-G2
D449-R1RD-G2
D459-R1LL-G2
D423-R1RA-G2
D429-R1ML-G2
D439-V1ML-G2
D449-R1LD-G2
D453-B8AA-G2
D459-R1ML-G2
D423-R1RD-G2
D443-R1AA-G2
D453-R1AA-G2
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or your distributor.
For information on crossing discontinued U.S. only part numbers, see D4 cross-reference chart at www.cherryswitches.com.
Part Number Breakdown
D413-R1AA-G2 (most part numbers end in –G2; see D4 cross-reference chart for exceptions)
Series
Contact Rating
2
Configuration
3
D4
1
0.1 A
85
OC
125
OC
150
OC
2
3 A
1
SPST – NO
Standard
Op.
Force
G
SPST – NO
S
SPST – NO
Light
Op.
Force
3
5 A
2
SPST – NC
H
SPST – NC
T
SPST – NC
4
10 A
3
SPDT
M
SPDT
U
SPDT
5
15 A
7
SPST – NO
Light Op.
Force
N
SPST – NO
8
21 A
8
SPST – NC
P
SPST – NC
9
SPDT
R
SPDT
2UL AC current rating; see table on reverse for complete details
3D48 only available with light operating force
Terminal Type mm (inches)
A1
Welding
Q3
4.8 x 0.8 (0.187 x 0.032) QC, dog leg*
B8
Short solder
R1
4.8 x 0.5 (0.187 x 0.020) QC, straight**
C1
2.8 x 0.8 (0.110 x 0.032) QC, bifurcated straight**
R3
4.8 x 0.5 (0.187 x 0.020) QC, dog leg**
C3
2.8 x 0.8 (0.110 x 0.032) QC, bifurcated dog leg**
S1
Solder with temp stop
P4
1.2 x 0.5 (0.047 x 0.020) PCB, underside*
V1
6.3 x 0.8 (0.250 x 0.032) QC, straight
P5
1.2 x 0.5 (0.047 x 0.020) PCB, rear*
V3
6.3 x 0.8 (0.250 x 0.032) QC, dog leg
PA
1.2 x 0.5 (0.047 x 0.020) PCB, housing side*
W9
Screw*
PB
1.2 x 0.5 (0.047 x 0.020) PCB, cover side*
Y5
6.3 x 0.8 (0.250 x 0.032) QC, 5 mm grid
Q1
4.8 x 0.8 (0.187 x 0.032) QC, straight*
Z5
6.3 x 0.8 (0.250 x 0.032) QC, 7 mm grid
*not available for D48
**not available for D45 or D48
Actuator Type mm (inches)
Actuation length
Actuation length
AA
Button
N/A
MA
25.7 (1.01)
JA
SS lever, standard ratio
21.2 (0.835)
ML
74.4 (2.93)
JD
SS lever, standard ratio
35.6 (1.4)
RA
20.6 (0.811)
JL
SS lever, standard ratio
69.9 (2.75)
RD
34.1 (1.34)
KA
SS lever, high ratio
25.7 (1.01)
SA
20.6 (0.811)
KL
SS lever, high ratio
74.4 (2.93)
TA
25.1 (0.988)
LA
Lever, standard ratio
21.2 (0.835)
TD
38.6 (1.52)
LD
Lever, standard ratio
35.6 (1.4)
UA
25.1 (0.988)
LL
Lever, standard ratio
69.9 (2.75)
For actuator details, see D4 actuator reference sheet at www.cherryswitches.com


Similar Part No. - D449-R1RA-G2

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
D449-R1RA-G2 CHERRY-D449-R1RA-G2 Datasheet
309Kb / 2P
Miniature Snap Switch Single Pole
More results

Similar Description - D449-R1RA-G2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
SINGLE POLE AND DOUBLE POLE
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
L167-B ETC2-L167-B Datasheet
181Kb / 2P
10A 250Vac Single Double Pole
S741001 ETC2-S741001 Datasheet
112Kb / 2P
single or double pole
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Cherry Semiconductor Co...
KFB2ANA1BBB CHERRY-KFB2ANA1BBB Datasheet
296Kb / 2P
Sealed Pushbutton Single and Double Pole
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
Sealed Rocker Switch Single and Double Pole
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
Sealed Rocker Switch Single (and Double)1 Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com