Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKA2411PIL Datasheet(PDF) 1 Page - Ericsson

Part # PKA2411PIL
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2411PIL Datasheet(HTML) 1 Page - Ericsson

  PKA2411PIL Datasheet HTML 1Page - Ericsson PKA2411PIL Datasheet HTML 2Page - Ericsson PKA2411PIL Datasheet HTML 3Page - Ericsson PKA2411PIL Datasheet HTML 4Page - Ericsson PKA2411PIL Datasheet HTML 5Page - Ericsson PKA2411PIL Datasheet HTML 6Page - Ericsson PKA2411PIL Datasheet HTML 7Page - Ericsson PKA2411PIL Datasheet HTML 8Page - Ericsson PKA2411PIL Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PKA 2000 I
• Single, dual and triple output
• 500 V dc isolation voltage
• MTBF >2 million hours @75 °C
case temperature
• Complete, no extra filters or
heatsinks required
25–40 W DC/DC Power Modules
24 V Input Series
E
The 25-40 watts PKA 2000 series hybrid DC/DC
power modules are especially designed for
decentralized 24/28 Vdc system distributed onboard
DC/DC coverters. By using a thickfilm thecknology,
which provides a high degree of intergration as well
as efficient thermal management, and by utilizing a
300 kHz switching frequency, these highly reliable
products comply to demanding applications within
e.g. cellular radio, medical, industrial and airborne
industri. Input to output isolation is 500 Vdc .
Mechanical ruggedness – in conformance with IEC
68-2 - is close to requirements for discrete
components. Extreme temperature conditions can be
met since the converters can operate with full output
power in ambient temperatures ranging from –45 to
+85 °C or up to +115 °C case temperature, making
the products ideal also for applications within various
non-controlled environments.
The PKA series is manufactured using highly
automated manufacturing lines with a world-class
quality commitment and a five-year warranty.
Ericsson Microelectronics AB has been an ISO 9001
certified supplier since 1991. For a complete product
program please reference the back cover.


Similar Part No. - PKA2411PIL

ManufacturerPart #DatasheetDescription
logo
StarHope
PKA20A SPSEMI-PKA20A Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PKA22A SPSEMI-PKA22A Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PKA26A SPSEMI-PKA26A Datasheet
156Kb / 4P
Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
More results

Similar Description - PKA2411PIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
20-W 24-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
30-W 24/48-V Input Isolated DC/DC Converter
logo
Ericsson
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
3-7 W DC/DC Power Modules 48 V Input Series
logo
Texas Instruments
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
logo
Ericsson
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
46-60 W DC/DC Power Modules 24 V Input Series
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
5-6 W DC/DC Power Modules Wide Input Series
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
Industrial DC to DC Converter w/24 48VDC Power Input
logo
WOLFSPEED, INC.
CGHV1F025S WOLFSPEED-CGHV1F025S Datasheet
2Mb / 11P
25 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 4.7, 2022-12-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com