Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E23 Datasheet(PDF) 5 Page - ZF Friedrichshafen AG

Part # E23
Description  High temperature versions optional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E23 Datasheet(HTML) 5 Page - ZF Friedrichshafen AG

  E23 Datasheet HTML 1Page - ZF Friedrichshafen AG E23 Datasheet HTML 2Page - ZF Friedrichshafen AG E23 Datasheet HTML 3Page - ZF Friedrichshafen AG E23 Datasheet HTML 4Page - ZF Friedrichshafen AG E23 Datasheet HTML 5Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MINIATURE
E21-E36 Series
Terminals
0.187 x 0.020 QC Terminals
Suffix -00
Screw Terminals (special order)
Suffix -10
Solder Terminals (special order)
Suffix -20
0.250 x 0.032 QC Terminals
Suffix -40
Note: 0.187” Quick Connect terminals are standard i.e. part number E21-00A
To order 0.250” Quick Connect terminals ‘add’ the suffix to the part number, i.e. E21-40A
Circuitry
Standard Force
Light Force
Terminal
SPDT
SPST NO
SPST NC
SPDT
SPST NO
SPST NC
QC
0.187”
-00A
-01A
-02A
-00AX
-01AX
-02AX
Screw
-10A
-11A
-12A
-10AX
-11AX
-12AX
Solder
-20A
-21A
-22A
-20AX
-21AX
-22AX
QC
0.250”
-40A
-41A
-42A
-40AX
-41AX
-42AX
Note: 1. SPDT contact arrangement is standard. In general, normally open switches may be ordered by changing the suffix number
from -00 to -01 and normally closed may be ordered by changing the suffix from -00 to -02. See above for assistance.
2. E35 and E36 only available as light force with 0.250” QC terminals.
Ordering Information
1.
Select the contact rating prefix you need (E21-E36).
2.
Combine the prefix with the corresponding terminal configuration. For example part number E21-00H will provide you with a
gold crosspoint miniature switch with 0.187” QC terminals and a straight lever with a 0.865” actuation length
3.
To order a normally open version simply ‘add 1’ to the suffix to obtain E21-01H and normally closed ‘add 2’ for part number
E21-02H.
4.
To order a E21-00H with .screw terminals, ‘add’ the new terminal code (-10) to the part number – E21-10H will be the resulting
part number for a miniature switch with screw terminals and a straight lever with a 0.865” actuation length.
Contact
Call, fax or visit our
Website for more information.
ZF Electronics Corporation
11200 88th Avenue
Pleasant Prairie, WI 53158
Phone: 262.942.6500
Web: www.cherrycorp.com
Email: cep_sales@zf.com
Fax: 262.942.6566
The manufacturer accepts no
liability for errors or non-availability,
and reserves the right to change
specifications without prior notice.
Technical data relates to product
specifications only. Features may
differ from those described. Only
drawings combined with product
specifications shall be deemed
binding.
© 2007 ZF Electronics Corporation
Last Updated: 061212
Not recommended for new designs
Please review our D4 series
http://www.cherrycorp.com/english/switches/miniature/d4.htm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com