Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E63 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # E63
Description  Long life coil spring mechanism
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E63 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  E63 Datasheet HTML 1Page - ZF Friedrichshafen AG E63 Datasheet HTML 2Page - ZF Friedrichshafen AG E63 Datasheet HTML 3Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUBMINIATURE Switch Modules
E61-E63 Series
Features
3 Contact Ratings
Long life coil spring mechanism
Choice of actuator
Four terminal types
RoHS compliant
Electrical Ratings and Operating Life
According to UL 1054
Switch
Series
Nominal Load
Electrical Life at Rated Load
E61
5A 125/250 VAC
6000
E62
10.1A 125/250 VAC; 1/4HP 125VAC
6000
E63
0.1A 125VAC
6000
Technical Specifications
Material Specifications
Case:
Thermoplastic
Actuating Button:
Thermoplastic Acetal
Terminal:
Silver Plated Commercial Bronze
Temperature Rating:
-40°C to 85°C
Moving Blade:
Beryllium Copper
Flammability Rating
UL94HB
Spring:
Stainless Steel
Mounting:
Recommended screw: #2-56 round head
Recommended torque: 2 inch lbs. max
Contacts:
E61, E62: Fine Silver
E63: Gold Crosspoint
UL File Number:
E23301
Auxiliary Actuator:
Cold Rolled Steel (Nickel-Plated)
Specifications subject to change
Not recommended for new designs
Please review our DB series
http://www.cherrycorp.com/english/switches/submini/db.htm


Similar Part No. - E63

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
E63-00K CHERRY-E63-00K Datasheet
771Kb / 3P
SUBMINIATURE Switch Modules
logo
Jiangsu Donghai Semicon...
E630 WXDH-E630 Datasheet
1Mb / 11P
9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
Intel Corporation
E6300 INTEL-E6300 Datasheet
1Mb / 122P
Core2 Extreme Processor
E6320 INTEL-E6320 Datasheet
1Mb / 122P
Core2 Extreme Processor
logo
Anderson Power Products...
E6336 APP-E6336 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results

Similar Description - E63

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
Long operating life.
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
Long life coil spring mechanism
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
Long Life, 2000hours
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
Long life element
logo
Cornell Dubilier Electr...
SPA CDE-SPA Datasheet
274Kb / 4P
Long Life ??No dry out failure related mechanism
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
Long life feature.
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
Long life feature.
logo
ZF Friedrichshafen AG
E51 ZFSWITCHES-E51 Datasheet
2Mb / 2P
Long life coil spring mechanism
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com