Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1013 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # MP1013
Description  Hall-effect position sensor with convenient snap-fit mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP1013 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  MP1013 Datasheet HTML 1Page - ZF Friedrichshafen AG MP1013 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2016-01-05, Specifications subject to change without notice.
Magnetic Proximity Sensors (Hall Effect)
MP1013 Sensors
Hall-effect position sensor with convenient snap-fit mounting
Description
The MP1 Series sensors are one-piece non-contact solid-state position sensors. The sensors operate through the use of Hall Effect
technology with magnetic fields generated by permanent magnets. They provide a sinking current output.
Features
Typical Applications
•
Solid state reliability
•
Stable output over operating temperature range
•
Open collector (NPN) output can be used with bipolar or CMOS
logic circuits with suitable pull-up resistor
•
South pole sensitive
•
Unipolar device (MP101301, MP101302)
•
Latching version available (MP101303)
•
RoHS compliant
•
Fastener-less design
•
IP67
•
Door position & interlock
•
Limit switch
•
Flow/speed
•
Home security
•
Pedal switch
Environmental Specifications
Operating / Storage Temperature (MP101301, MP101303)
-40 °C to 85 ⁰C (-40 ⁰F to 185 ⁰F)
Operating / Storage Temperature (MP101302)
-40 ⁰C to 125 °C (-40 ⁰F to 257 ⁰F)
Ingress Protection
IP67
Electrical Specifications
Operating Supply Voltage
5 to 24 VDC
Supply Current (MP101301, MP101302)
4.1 mA typ., 7.5 mA max.
Supply Current (MP101303)
2.6 mA typ., 5 mA max.
Output Current (Sink) (MP101301, MP101302)
25 mA max.
Output Current (Sink) (MP101303)
20 mA max.
Maximum Input Voltage (MP101301, MP101302)
30 VDC
Maximum Input Voltage (MP101303)
28 VDC
Maximum Reverse Voltage (MP101301, MP101302)
30 VDC
Maximum Reverse Voltage (MP101303)
None
Recommended Pull-Up Resistor
See chart
Mechanical Specifications
Housing Material
Glass-reinforced nylon plastic
Turn on / off (MP101301, MP101302)
245 Gauss / 60 Gauss
Turn on / off (MP101303)*
60 Gauss / 60 Gauss
*MP101303 is a latching sensor and releases when 60 Gauss is applied to the north pole


Similar Part No. - MP1013

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP101 CTS-MP101 Datasheet
133Kb / 5P
Quartz Crystal
logo
Micro Commercial Compon...
MP101 MCC-MP101 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1010 COMCHIP-MP1010 Datasheet
35Kb / 2P
Silicon Bridge Rectifiers
logo
Dc Components
MP1010 DCCOM-MP1010 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results

Similar Description - MP1013

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
logo
List of Unclassifed Man...
49E ETC2-49E Datasheet
512Kb / 4P
49E Hall-Effect Linear Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com