| Electronic Components Datasheet Search |
|
PKA2232CI Datasheet(PDF) 10 Page - Ericsson |
|
|
|||||||||||||||||||||||||||||
PKA2232CI Datasheet(HTML) 10 Page - Ericsson |
|
10 / 20 page ![]() EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000 10 PKA 2232 PI, CI TC = 0…+95°C, VI = 19...35 V unless otherwise specified. IO1nom = 3.8 A, IO2, 3nom = 0.2 A. Characteristics Conditions Unit min typ max Efficiency h Power dissipation Pd Miscellaneous 78 83 % 5.1 W IO= IOnom, VI = 26 V IO = IOnom, VI = 26 V 05.0 00.8 00.8 A Characteristics Conditions Output 1 min typ max Unit Output voltage initial setting and accuracy TC =+25°C, IO =IOnom, VI = 26 V VOi Output voltage tolerance band VO Idling voltage IO = 25 mA Load regulation IO1=0.1 …1.0 ´ IOnom, IO2, 3 = IOnom, VI = 26 V ttr Load transient voltage Vtr Temperature coefficient2) Tcoeff Ramp-up time tr Start-up time ts 0.1 …0.9 ´ VO From VI connection to VO = 0.9 ´ VOi Output current IO Max total output power3) PO max Current limiting threshold Ilim TC <TC max Short curcuit current1) Isc IO =IO nom 20 Hz …5 MHz Supply voltage rejection (ac) SVR f = 100 Hz sine wave, 1 Vp-p, VI = 26 V (SVR = 20 log (1 Vp-p/VOp-p)) IO= 0.1 …1.0 ´ IOnom, VI = 26 V Line regulation Load transient recovery time 5.5 21.8 21.8 V 52 mV 100 100 100 ms +250 +750 +750 mV –250 –750 –750 mV IO =IOnom, TC <TC max ±0.5 ±1.5 ±1.5 mV/°C 90 150 150 mVp-p VO ac 50 40 40 dB min typ max Output 2 30 30 30 ms IO =IO nom Output 3 min typ max 5.10 5.13 5.17 14.25 15.00 15.75 –14.75 –15.00 –15.75 V 5.00 5.33 V 62 240 240 mV 10 10 10 ms min 25, max 15 on Out 2 + Out 3 min 1.02 ´ POmax4) W Output ripple & noice Output Output adjust range1) % ±10 IO=0.1 …1.0 ´ IOnom, IO2, 3 =IOnom Long term drift included IO=0.1 …1.0 ´ IOnom, VI = 26 V load step = 80% of IO nom symmetrical load, IO2, 3 = IO nom di dt <0.1A/ ms 1) See Operating Information. 2) Temperature coefficient is neutral at low temperatures. 3) See Typical Characteristics, Power derating. 4) Ilim on each output is set by the total load. A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |