Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T83C51SND1-ROTIL Datasheet(PDF) 31 Page - ATMEL Corporation

Part # T83C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C51SND1-ROTIL Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button T83C51SND1-ROTIL Datasheet HTML 27Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 28Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 29Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 30Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 31Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 32Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 33Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 34Page - ATMEL Corporation T83C51SND1-ROTIL Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
31
T8xC51SND1
Rev. D – 15-Nov-01
Additional features are supported by the T8xC51SND1 MP3 decoder such as volume,
bass, medium, and treble controls, bass boost effect and ancillary data extraction.
9.6 Audio Output Interface
The T8xC51SND1 implements an audio output interface allowing the decoded audio bit-
stream to be output in various formats. It is compatible with right and left justification
PCM and I2S formats and thanks to the on-chip PLL (see Section 9.1) allows connection
of almost all of the commercial audio DAC families available on the market.
9.7 Universal Serial Bus Interface
The T8xC51SND1 implements a full speed Universal Serial Bus Interface. It can be
used for the following purposes:
•
Download of MP3 encoded audio files by supporting the USB mass storage class.
•
In System Programming by supporting the USB firmware upgrade class.
9.8 MultiMediaCard Interface
The T8xC51SND1 implements a MultiMediaCard (MMC) interface compliant to the V2.2
specification in MultiMediaCard Mode. The MMC allows storage of MP3 encoded audio
files in removable flash memory cards that can be easily plugged or removed from the
application. It can also be used for In System Programming.
9.9 IDE/ATAPI interface
The T8xC51SND1 provides an IDE/ATAPI interface allowing connexion of devices such
as CD-ROM reader, CompactFlash cards, Hard Disk Drive… It consists in a 16-bit bidi-
rectional bus part of the low-level ANSI ATA/ATAPI specification. It is provided for mass
storage interface but could be used for In System Programming using CD-ROM.
9.10 Serial I/O Interface
The T8xC51SND1 implements a serial port with its own baud rate generator providing
one single synchronous communication mode and three full-duplex Universal Asynchro-
nous Receiver Transmitter (UART) communication modes. It is provided for the
following purposes:
•
In System Programming.
•
Remote control of the T8xC51SND1 by a host.
9.11 Serial Peripheral Interface
The T8xC51SND1 implements a Serial Peripheral Interface (SPI) supporting master
and slave modes. It is provided for the following purposes:
•
Interfacing DataFlash memory for MP3 encoded audio files storage.
•
Remote control of the T8xC51SND1 by a host.
•
In System Programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com