Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4990IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4990IPWR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4990IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4990IPWR Datasheet HTML 9Page - Texas Instruments OPA4990IPWR Datasheet HTML 10Page - Texas Instruments OPA4990IPWR Datasheet HTML 11Page - Texas Instruments OPA4990IPWR Datasheet HTML 12Page - Texas Instruments OPA4990IPWR Datasheet HTML 13Page - Texas Instruments OPA4990IPWR Datasheet HTML 14Page - Texas Instruments OPA4990IPWR Datasheet HTML 15Page - Texas Instruments OPA4990IPWR Datasheet HTML 16Page - Texas Instruments OPA4990IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
OPA990, OPA2990, OPA4990
www.ti.com
SBOS933D – FEBRUARY 2019 – REVISED JULY 2019
Product Folder Links: OPA990 OPA2990 OPA4990
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.8 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3, Figure 4
Offset Voltage vs Common-Mode Voltage
Figure 5, Figure 6, Figure 7, Figure 8
Offset Voltage vs Power Supply
Figure 9
Open-Loop Gain and Phase vs Frequency
Figure 10
Closed-Loop Gain and Phase vs Frequency
Figure 11
Input Bias Current vs Common-Mode Voltage
Figure 12
Input Bias Current vs Temperature
Figure 13
Output Voltage Swing vs Output Current
Figure 14, Figure 15, Figure 16, Figure 17
CMRR and PSRR vs Frequency
Figure 18
CMRR vs Temperature
Figure 19
PSRR vs Temperature
Figure 20
0.1-Hz to 10-Hz Noise
Figure 21
Input Voltage Noise Spectral Density vs Frequency
Figure 22
THD+N Ratio vs Frequency
Figure 23
THD+N vs Output Amplitude
Figure 24
Quiescent Current vs Supply Voltage
Figure 25
Quiescent Current vs Temperature
Figure 26
Open Loop Voltage Gain vs Temperature
Figure 27
Open Loop Output Impedance vs Frequency
Figure 28
Output Swing vs Supply Voltage
Figure 29, Figure 30, Figure 31, Figure 32
Small Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 33, Figure 34
Phase Margin vs Capacitive Load
Figure 35
No Phase Reversal
Figure 36
Positive Overload Recovery
Figure 37
Negative Overload Recovery
Figure 38
Small-Signal Step Response (100 mV)
Figure 39, Figure 40
Large-Signal Step Response
Figure 41, Figure 42, Figure 43
Short-Circuit Current vs Temperature
Figure 44
Maximum Output Voltage vs Frequency
Figure 45
Channel Separation vs Frequency
Figure 46
EMIRR vs Frequency
Figure 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com