Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR36504 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZR36504
Description  Video & Audio Interface solution via USB
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZR36504 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZR36504 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZR36504 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
ZORAN Corporation
USBvision II Data Decoder
ZR36505 Data Sheet
November-99
Page 21 of 21
The tables in the following pages specify all the Control and Status registers in the ZR36504.
A brief description is given for every specific bit in these registers, and the default values
(after Reset operation) are defined. For more details about a specific register, consult the
appropriate session in this data sheet.
General Control Registers (Power, Restart EP, USB, IO-pins, Camera Control):
Reg.
Address
Reg. Name
Function
Default
Value
0
PWR_REG
d0: WD_EN: '1' Enables USB Watch-Dog timer
d1: SSPND_EN: '0' Enables Suspend-Resume logic
d2: RES2: '0' Restarts End-Point #2 logic, '1' Releases
d3: CLK48_EN: '1' Enables 48MHz at CLK48 output pin.
d4: reserved
d5: PWR_VID: '1' Video-logic Power-On
d6: reserved
d7: E2_EN: '1' Enables EEPROM R/W
00H
1
CONFIG_REG
d7-d0: Configuration (set via USB). Read-Only reg.
00H
2
ADRS_REG
d6-d0: Device Address (set via USB). Read-Only reg.
d7: '0'. reserved.
00H
3
ALTER_REG
d3-d0: Video Bandwidth (set via USB). Read-Only reg.
d7-d4: '0000'. reserved.
00H
4
FORCE_
ALTER_REG
d3-d0: NEW_ALT Forced Video Bandwidth. R/W reg.
d7: FORCE_ALT ('1'=force, '0'=ignore)
d6-d4: '000'. reserved.
00H
5
STATUS_REG
d0: VFRM_BLNK Vertic. Blank (if '1'). Read-Only reg.
d7-d1: '0000000'. reserved.
00H
6
IOPIN_REG
d0: IO_1 Read/Write level of ZR36504 pin IO-1
d1: IO_2 Read/Write level of ZR36504 pin IO-2
d7-d4: TEST[3..0], must be '0000' for proper operation.
d3-d2: '00'. reserved
00H
7
SER_MODE
d7-d4: MODE (Soft, IICC, Cam1,Cam2,,,)
normally (when not in Soft mode):
d0: CLK_RATE ('0' = 93.75KHz, '1' =1.5MHz)
d1: CLK_POL ('0' = Normal, '1' = Inverted)
d2: TEST(auto bulk). Must be '0' for proper operation.
d3: VSYNC ('1' = wait to new input video field)
Soft mode:
d0: CLK_OUT (functional in Soft mode only)
d1: DAT_IO (functional in Soft mode only)
d2: SENS_OUT (functional in Soft mode only)
00H
8
SER_ADRS
d7-d0: Address of serial device/camera -param.
00H
9
SER_CONT
d2-d0: SER_LEN Number of bytes to Wr/Rd
d3: SER_DIR ('0' = Wr, '1' = Rd)
d4: SER_GO/SER_BUSY
d5: NACK_RCV (Read-Only. '1' means Not Ack.)
d6: CONTINUE (Do not send START signal next time)
d7: NO_STOP (Do not send STOP signal this time)
00H
10
SER_DAT1
d7-d0: 1
st
serial byte to be sent/received
00H
11
SER_DAT2
d7-d0: 2
nd
serial byte to be sent/received
00H
12
SER_DAT3
d7-d0: 3
rd
serial byte to be sent/received
00H
13
SER_DAT4
d7-d0: 4
th
serial byte to be sent/received
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com