Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB405 Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # MSB405
Description  SINGLE PHASE 4.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

MSB405 Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  MSB405 Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. MSB405 Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd. MSB405 Datasheet HTML 3Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-55 to +150
500
Maximum repetitive peak reverse voltage
265 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
MSBL
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
4.0
125.0
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 4.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (Note 1)
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
55.0
42.0
pF
C
A
u
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
MSB404 MSB405 MSB406
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Case : Molded plastic body
Terminals : Solder plated, solderable per
Polarity : Polarity symbol marking on body
Mounting Position : Any
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
Dimensions in inches and (millimeters)
1.10
MSB407
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
I t
Rating for fusing (t=8.3ms, Ta=25 C)
65
2
A s
2
MSB403
100
70
100
MSB402
50
35
50
MSB401
Parameter
.205(5.20)
.197(5.00)
.256(6.70)
.264(6.50)
.059(1.50)
.051(1.30)
.016(0.40)
.005(0.15)
.045(1.15)
.037(0.95)
 
o
MIL-STD-750,Method 2026
Lead Free Finish/RoHS 2.0 Compliant
Version 1.1
2018/2/27
http://www.bytesonic.com
.tw/
MSB401 THRU MSB407
SINGLE PHASE 4.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS


Similar Part No. - MSB405

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MSB405S RECTRON-MSB405S Datasheet
122Kb / 6P
VOLTAGE RANGE 600 Volts CURRENT 4.0 Ampere FAST RECOVERY BRIDGE RECTIFIER
2018-12 REV:O
More results

Similar Description - MSB405

ManufacturerPart #DatasheetDescription
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Version 1.3 2016/2/8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com