Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1JS Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # ES1JS
Description  1.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

ES1JS Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  ES1JS Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. ES1JS Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SUPER FAST RECTIFIERS
ES1AS
ES1JS
THRU
VOLTAGE RANGE
50 to 600 Volts
CURRENT
1.0 Ampere
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Laser band denotes cathode end
●
Weight: 0.0
092gram
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
ES1AS ES1BS ES1CS ES1DS ES1ES ES1GS ES1JS UNIT
VRRM
50
100
150
200
300
400
600
V
VRMS
35
70
105
140
210
280
420
V
VDC
50
100
150
200
300
400
600
V
IF(AV)
A
IFSM
A
VF
1.70
V
IR
μ
A
trr
nS
RθJA
℃
/W
TJ, TSTG
℃
Note1: Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35 μm thick)
1.25
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current 8.3 mS single half sine-
wave superimposed on rated load
30
Operating junction and storage temperature range
–55 to +150
0.95
35
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
Typical thermal resistance
150
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
5.0
150
Lead free Finish/ROHS Compliant
●
http://www.bytesonic.com
.tw
Version 1.4
2019/6/18
Dimensions in inches and (millimeters)
SOD-123F
L
0.116(2.95)
0.100(2.55)
0.152(3.85)
0.140(3.55)
0.047(1.20)
0.035(0.90)


Similar Part No. - ES1JS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ES1JSL RECTRON-ES1JSL Datasheet
179Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
More results

Similar Description - ES1JS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
1.0 AMP. Super Fast Rectifiers
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
1.0 AMP. Super Fast Rectifiers
SFT11 TSC-SFT11_1 Datasheet
270Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com