Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM676P2R1 Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LSM676P2R1
Description  Vishay Semiconductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LSM676P2R1 Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LSM676P2R1 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM676P2R1 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VLMK23.., VLMF23.., VLME23..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 23-Feb-18
3
Document Number: 81681
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLME23.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 20 mA
VLME23R2T1
IV
140
190
355
mcd
VLME23Q2T1
IV
90
170
355
mcd
Dominant wavelength
IF = 20 mA
λd
581
588
594
nm
Peak wavelength
IF = 20 mA
λp
-
590
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
-2
2.6
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
15
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
P
2
56
71
Q
1
71
90
2
90
112
R
1
112
140
2
140
180
S
1
180
224
2
224
280
T
1
280
355
CROSSING TABLE
VISHAY
OSRAM
VLME23R2T1
LYM676R2T1
VLME23Q2T1
LYM676Q2T1
VLMF23Q2S1
LOM676Q2S1
VLMF23R2T1
LOM676R2T1
VLMK23P2R1
LSM676P2R1
VLMK23P2S1
LSM676P2S1
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
SOFT ORANGE
YELLOW
MIN.
MAX.
MIN.
MAX.
1
598
601
581
584
2
600
603
583
586
3
602
605
585
588
4
604
607
587
590
5
606
609
589
592
6
608
611
591
594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com