Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-ASML-X Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-ASML-X
Description  Low Ohmic PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-ASML-X Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-ASML-X Datasheet HTML 1Page - Bourns Electronic Solutions MF-ASML-X Datasheet HTML 2Page - Bourns Electronic Solutions MF-ASML-X Datasheet HTML 3Page - Bourns Electronic Solutions MF-ASML-X Datasheet HTML 4Page - Bourns Electronic Solutions MF-ASML-X Datasheet HTML 5Page - Bourns Electronic Solutions MF-ASML-X Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Electrical Characteristics
Model
V max. I max.
Ihold
Itrip
Resistance
Max. Time To Trip
Tripped
Power
Dissipation
Agency Recognition
at 23 °C
at 23 °C Ohms
at 23 °C
Watts at
23 °C
cUL
TÜV
Volts Amps
Amps
Rmin R1max Amps Seconds
Typ.
E174545 R50391579
MF-ASML035/6
6
50
0.35
0.7
0.05
0.85
8.0
0.1
0.5
3
3
MF-ASML050/6
6
50
0.50
1.0
0.04
0.50
8.0
0.1
0.5
3
3
Environmental Characteristics
Operating Temperature......................................... -40 °C to +85 °C
Storage Condition
Before Opening ............................................... +40 °C max. / 70 % RH max.
After Opening................................................... +40 °C max. / 10 % RH max.
Floor Condition After Opening .............................. Consumption within 4 weeks at floor condition +30 °C max. / 60 % RH max.
Passive Aging....................................................... +85 °C, 1000 hours............................................... ±10 % typical resistance change
Humidity Aging...................................................... +85 °C, 85 % R.H. 24 hours ................................. ±30 % typical resistance change
Thermal Shock ..................................................... -40 °C to +85 °C, 20 times.................................... ±30 % typical resistance change
Vibration ............................................................... MIL-STD-883C, Method 2007.1,........................... No change (Rmin<R<R1max)
Condition A
Moisture Sensitivity Level (MSL) .......................... See Note
ESD Classification - HBM..................................... 6
Test Procedures and Requirements
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech.......................................................... Verify dimensions and materials........................... Per MF physical description
Resistance............................................................ In still air @ 23 °C................................................. Rmin ≤ R ≤ R1max
Time to Trip........................................................... At specified current, Vmax, 23 °C.......................... T ≤ max. time to trip (seconds)
Hold Current ......................................................... 30 min. at Ihold...................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles.......................................... No arcing or burning
Trip Endurance..................................................... Vmax, 48 hours ..................................................... No arcing or burning
Solderability.......................................................... 245 °C ±5 °C, 5 seconds ...................................... 95 % min. coverage
Features
n
Surface mount packaging for automated assembly
n
Tiny footprint size (0402) and low profile for space-constrained mobile applications
n
Ultra-low resistance, quick response
n
RoHS compliant* and halogen free**
n
Agency recognition:
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - MF-ASML-X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-ASML BOURNS-MF-ASML Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-ASML010/6 BOURNS-MF-ASML010/6 Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-ASML010/6-2 BOURNS-MF-ASML010/6-2 Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-ASML020/6 BOURNS-MF-ASML020/6 Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-ASML020/6-2 BOURNS-MF-ASML020/6-2 Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
More results

Similar Description - MF-ASML-X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-NSML BOURNS-MF-NSML Datasheet
391Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-USML175 BOURNS-MF-USML175 Datasheet
321Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-USML BOURNS-MF-USML Datasheet
484Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-PSML-X BOURNS-MF-PSML-X Datasheet
760Kb / 7P
Low Ohmic PTC Resettable Fuses
MF-ASML BOURNS-MF-ASML Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-FSML-X BOURNS-MF-FSML-X Datasheet
688Kb / 8P
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-FSML BOURNS-MF-FSML Datasheet
688Kb / 8P
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-PSML BOURNS-MF-PSML Datasheet
846Kb / 8P
MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
REV. C, 10/21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com