Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H34063AS Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H34063AS
Description  DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AS Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H34063AS Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200407
Issued Date : 2003.04.01
Revised Date : 2005.03.25
Page No. : 2/7
H34063AP, H34063AS
HSMC Product Specification
Electrical Characteristics (V
CC=5V,TA=0~70°C, unless otherwise specified)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Oscillator
Charging Current
I
chg
V
CC=5~40V, Ta=25
oC10
25
40
uA
Discharge Current
I
dischg
V
CC=5~40V, Ta=25
oC
140
190
240
uA
Frequency
f
OSC
V
PIN5=0, CT=1nF, Ta=25
oC28
33
40
KHz
Discharge to Charge Current Ratio
I
dischg/Ichg
V
PIN7=VCC, Ta=25
oC
5.2
6
7.5
Current Limit Sense Voltage
V
IPK
I
dischg=Ichg, Ta=25
oC
250
300
350
mV
Output Switch
Saturation Voltage,
Darlington Connection
V
CE(sat) 1ISW=1A, VC(SW)=VC(DR)
-1
1.3
V
Saturation Voltage
V
CE(sat) 2ISW=1A, IC(DR)=50mA
-
0.4
0.7
V
DC Current Gain
h
FE
I
SW=1A, VCE=5V
35
120
-
Collector Off-State Current
I
CC(off)
V
CE=40V, Ta=25
oC
-
10
100
uA
Comparator
Threshold Voltage
V
FB
1.23
1.25
1.27
V
Threshold Voltage Line Regulation
∆V
FB
V
CC=5~40V
-
1.5
6
mV
Input Bias Current
I
IB
V
IN=0V
-
40
400
nA
Total Device
Supply Current
I
CC
V
CC=5~40V, VPIN7=VCC, VPin5>VFB,
C
T=0.001uF, Pin7=GND,
Remaining pins open
-1.6
3
mA
Block Diagram
SC
Pin1: 1.6A Switch Collector
TC
Pin3: Oscilletor Timing Capacitor
GND
Pin4: Power GND
DRI
Pin8: Driver Collector
IPK
Pin7: Highside Current Sense
Input, VCC-VIPK=300mV
VCC
Pin6: Power Supply Input
FB
Pin5: Feedback Comparator
Inverting Input
SE
Pin2: Darlington Switch Emitter
Q1
Q2
80
Ω
QS
R
CT
IPK
Oscillator
Comparator
1.25V
Reference Voltage
+
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com