Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI-3135-TF-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AI-3135-TF-LW100-R
Description  ALL DIMENSIONS ARE IN MILLIMETERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AI-3135-TF-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  AI-3135-TF-LW100-R Datasheet HTML 1Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-3135-TF-LW100-R
T.G.
B.R.
E.P.
2/15/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
3/22/2006
Date
3/22/2006
Date
3/22/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-3135-TF-LW100-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
3/22/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
2/15/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
9Vdc
OPERATING VOLTAGE RANGE
3 ~ 20
Vdc
RATED CURRENT (MAX)
8mA
MINIMUM SPL @ 10 CM
105
dBA
RESONANT FREQUENCY
3,500 ± 500
Hz
TONE OR PULSE RATE
CONTINUOUS
0 pulse /sec
OPERATING TEMPERATURE
-20 ~ +60
°C
STORAGE TEMPERATURE
-25 ~ +65
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
LEAD WIRES
-
WEIGHT
7.3
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
51.4
3.2
3.6
n3
n5.5 SOUND
EMISSION HOLE
100
`5
5
`2
14
2
RED (+)
BLACK (-)
UL1095 AWG #28
31
n
45


Similar Part No. - AI-3135-TF-LW100-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-3135-TF-LW100-R PUI-AI-3135-TF-LW100-R Datasheet
190Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results

Similar Description - AI-3135-TF-LW100-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0824-TW-5V-R PUIAUDIO-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-7-R PUIAUDIO-SMT-0927-S-7-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0940-T-3V-R PUIAUDIO-SMT-0940-T-3V-R Datasheet
332Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1220-TW-R PUIAUDIO-SMT-1220-TW-R Datasheet
253Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1324-TW-1V-R PUIAUDIO-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-LW100-R PUIAUDIO-TOM-1545L-LW100-R Datasheet
264Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-R PUIAUDIO-TOM-1545L-R Datasheet
193Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UR-1640K-TT-2-R PUIAUDIO-UR-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
X-2629-TWT-R PUIAUDIO-X-2629-TWT-R Datasheet
210Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com