Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI-3435-TF-LW140-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AI-3435-TF-LW140-R
Description  34mm diameter, 3-28 VDC self-drive indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AI-3435-TF-LW140-R Datasheet(HTML) 1 Page - PUI audio inc.

  AI-3435-TF-LW140-R Datasheet HTML 1Page - PUI audio inc. AI-3435-TF-LW140-R Datasheet HTML 2Page - PUI audio inc. AI-3435-TF-LW140-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
AI-3435-TF-LW140-R
34mm Indicator
Product Overview
s
s
^
t' h>
SPL vs Voltage (measured @ 30 cm)
3541 Stop Eight Road • Dayton, Ohio 45414
3541 Stop Eight Road • Dayton, Ohio 45414


Similar Part No. - AI-3435-TF-LW140-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-3435-TF-LW140-R PUI-AI-3435-TF-LW140-R Datasheet
190Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results

Similar Description - AI-3435-TF-LW140-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AI-1027-TWT-5V-R PUIAUDIO-AI-1027-TWT-5V-R Datasheet
880Kb / 3P
10mm diameter, 3-8 VDC self-drive indicator
AI-1223-TWT-5V-2-R PUIAUDIO-AI-1223-TWT-5V-2-R Datasheet
500Kb / 3P
12mm diameter, 3-7 VDC self-drive indicator
AI-1223-TWT-5V-R PUIAUDIO-AI-1223-TWT-5V-R Datasheet
755Kb / 3P
12mm diameter, 3-7 VDC self-drive indicator
AI-1440-TWT-12V-R PUIAUDIO-AI-1440-TWT-12V-R Datasheet
897Kb / 3P
14mm diameter, 3-16 VDC self-drive indicator
AI-2429-TWT-12V-2-R PUIAUDIO-AI-2429-TWT-12V-2-R Datasheet
552Kb / 3P
24mm diameter, 3-20 VDC self-drive indicator
AI-2429-TWT-12V-3-R PUIAUDIO-AI-2429-TWT-12V-3-R Datasheet
670Kb / 3P
24mm diameter, 3-20 VDC self-drive indicator
AI-2437-TWT-R PUIAUDIO-AI-2437-TWT-R Datasheet
554Kb / 3P
24mm diameter, 3-16 VDC self-drive indicator
AI-3245-TF-LW95-R PUIAUDIO-AI-3245-TF-LW95-R Datasheet
538Kb / 3P
32mm diameter, 3-28 VDC self-drive indicator
AI-4228-TF-LW140-4-R PUIAUDIO-AI-4228-TF-LW140-4-R Datasheet
530Kb / 3P
42mm diameter, 3-28 VDC self-drive indicator
AI-4228-TF-LW140-R PUIAUDIO-AI-4228-TF-LW140-R Datasheet
531Kb / 3P
42mm diameter, 3-20 VDC self-drive indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com