Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2958 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2958
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2958 Datasheet HTML 4Page - RF Micro Devices RF2958 Datasheet HTML 5Page - RF Micro Devices RF2958 Datasheet HTML 6Page - RF Micro Devices RF2958 Datasheet HTML 7Page - RF Micro Devices RF2958 Datasheet HTML 8Page - RF Micro Devices RF2958 Datasheet HTML 9Page - RF Micro Devices RF2958 Datasheet HTML 10Page - RF Micro Devices RF2958 Datasheet HTML 11Page - RF Micro Devices RF2958 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
11-270
RF2958
Rev A0 050209
Detailed Functional Block Diagram
IF IN+
IF IN-
VCC IF
IF OUT+
IF OUT-
MODE0
MCLK
VCC PLL4
SDI
R BIAS
VCC RF2
VCC RF1
DIG REG
VREF
SCLK
SSB
3rd Order
Bes LPF
3rd Order
Bes LPF
3rd Order
Bes LPF
3rd Order
Bes LPF
IF Synth Analog
RF PLL
Voltage
Regulator
RX IF
Voltage
Regulator 1
RX IF
Voltage
Regulator 2
D/A
MUX
LC Trap
RF Synth Analog
RF PLL
Voltage
Regulator
Digital
Voltage
Regulator
SPI Serial Port
Frac-N Digital
P & R
11
31
30
29
28
27
26
25
1
32
2
3
6
7
8
5
4
12
13
14
15
16
22
23
24
17
21
20
19
18
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com