Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2958TR13 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2958TR13
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958TR13 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2958TR13 Datasheet HTML 1Page - RF Micro Devices RF2958TR13 Datasheet HTML 2Page - RF Micro Devices RF2958TR13 Datasheet HTML 3Page - RF Micro Devices RF2958TR13 Datasheet HTML 4Page - RF Micro Devices RF2958TR13 Datasheet HTML 5Page - RF Micro Devices RF2958TR13 Datasheet HTML 6Page - RF Micro Devices RF2958TR13 Datasheet HTML 7Page - RF Micro Devices RF2958TR13 Datasheet HTML 8Page - RF Micro Devices RF2958TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
11-265
RF2958
Rev A0 050209
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Receiver
IF VGA/Baseband, cont’d
Group Delay
15
ns
Filter Rejection
dB
Transfer function - 3 pole Bessel at 9MHz
Output Impedance
20
Ω
f<1MHz
I/Q Magnitude Error
±0.35
dB
I/Q Phase Error
±3.0
°
I/Q DC Offset
10
mV
SQRT [(VOUTI-VREF)^2+(VOUTQ-VREF)^2)]
DC Step
40
mV
VGC step 1.3V to 1.8V, PIN=-50dBm
VREF
1.65
1.7
1.75
V
3% variation
VREF Output Current
1.0
mA
Source
Transmitter
Modulator/Baseband
I/Q Magnitude Error
±0.35
dB
I/Q Phase Error
±3.0
°
Input Signal (Single-Ended)
200
mVP-P
Input Signal Magnitude
282
mVP-P
SQRT(I^2+Q^2)
Input P1dB
566
mVP-P
6dB from input
Voltage Gain to IF
4
6
8
dB
Measure from complex magnitude to IFVP-P
Output Voltage
448
564
710
mVP-P
Output SNR
32
dB
Connected to SAW filter
Carrier Leakage
-20
dBc
Single sideband modulation
VGA Driver/Upconverter
Input P1dB
550
mVP-P
6dB from max input
Input Referred Noise
20
uVRMS
Measured in 11MHz bandwidth at 2.442GHz
upconverter gain >12dB
Minimum Gain
0
dB
TX VGC at 1.3V
Maximum Gain
17
dB
TX VGC at 1.9V
Gain Response Time
300
ns
Measured with 300mV change in gain on
TXVGC to 90% of final POUT.
Image Rejection
30
dB
RF LO Leakage
-25
-36
dBm
FLO=2048MHz to 2110MHz
Output Voltage
1000
mVP-P
802.11b output with 7dB to 20dB gain
(needed for +20dBm POUT).
Minimum Output Power
-12
dBm
TXVGC at 1.3V
Maximum Output Power
0
dBm
Meeting 802.11b Spectral Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com