Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5302AS Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc

Part # SM5302AS
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302AS Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc

Back Button SM5302AS Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5302AS Datasheet HTML 26Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—25
Figure 23. ICC1 vs. VCC (6dB, FCDATA = 255)
*1. filter mode, FCDATA
= 255
*2. filter bypass mode
130
140
150
160
4.25 4.5 4.75
5
5.25 5.5 5.75
VCC [V]
60
70
80
90
100
110
120
ICC1
*1
ICC2
*2
Figure 24. ICC1 vs. Ta (6dB, FCDATA = 255)
*1. filter mode, FCDATA
= 255
*2. filter bypass mode
-50 -25
0
25
50
75 100
Ta [
°C]
130
140
150
160
60
70
80
90
100
110
120
ICC2
*2
ICC1
*1
Figure 25. ICC1 vs. FCDATA (6dB)
130
100
110
120
140
150
160
0
64
128
192
256
FCDATA
Figure 26. Gain vs. VCC (6dB)
4.25 4.5 4.75
5
5.25 5.5 5.75
VCC [V]
5
5.5
6
6.5
7
Figure 27. Gain vs. Ta (6dB)
-50 -25
0
25
50
75
100
5
5.5
6
6.5
7
Ta [
°C]
Figure 28. Gain vs. VCC (0dB)
4.25 4.5 4.75
5
5.25 5.5 5.75
VCC [V]
-1
-0.5
0
0.5
1
Figure 29. Gain vs. Ta (0dB)
-50 -25
0
25
50
75 100
Ta [
°C]
-1
-0.5
0
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com