Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7D151K Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 7D151K
Description  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

7D151K Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  7D151K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 7D151K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 7D151K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 7D151K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
7D series
www.yint.com.cn
Rev:19.3
3
7D 系列 电气参数 7D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
V5A
1t
2t
(
W)
10/1000
2ms
1KHz
(V)
(V)
(V)
(A)
(A)
(PF)
7D180L
18
16-21
11
14
36
250
125
0.02
0.9
0.8
2.8k
7D220K
22
20-24
14
18
43
250
125
0.02
1.1
0.9
2.3k
7D270K
27
24-30
17
22
53
250
125
0.02
1.4
1.0
1.8K
7D330K
33
30-36
20
26
65
250
125
0.02
1.7
1.2
1.5K
7D390K
39
35-43
25
31
77
250
125
0.02
2.1
1.5
1.3K
7D470K
47
42-52
30
38
93
250
125
0.02
2.5
1.8
1.1K
7D560K
56
50-62
35
45
110
250
125
0.02
3.1
2.2
890
7D680K
68
61-75
40
56
135
250
125
0.02
3.6
2.5
740
7D820K
82
74-90
50
65
135
1200
600
0.25
5.5
3.5
600
7D101K
100
90-100
60
85
165
1200
600
0.25
6.5
4.0
500
7D121K
120
108-132
75
100
200
1200
600
0.25
7.8
5.0
420
7D151K
150
135-165
95
125
250
1200
600
0.25
9.7
6.0
330
7D181K
180
162-198
115
150
300
1200
600
0.25
11.7
8.5
280
7D201K
200
185-225
130
170
340
1200
600
0.25
13.0
10
250
7D221K
220
198-242
140
180
360
1200
600
0.25
14.0
10
230
7D241K
240
216-264
150
200
395
1200
600
0.25
15.0
10
210
7D271K
270
243-297
175
225
455
1200
600
0.25
18.0
12
185
7D301K
300
270-330
195
250
500
1200
600
0.25
20.0
13
165
7D331K
330
297-363
215
275
550
1200
600
0.25
23.0
14
150
7D361K
360
324-396
230
300
595
1200
600
0.25
25.0
15
140
7D391K
390
351-429
250
320
650
1200
600
0.25
25.0
17
130
7D431K
430
387-473
275
350
710
400
600
0.25
28.0
20
115
7D471K
470
423-517
300
385
775
1200
600
0.25
30.0
20
105
7D511K
510
459-561
320
410
845
1200
600
0.25
30.0
20
100
7D561K
560
504-616
350
455
930
1200
600
0.25
30.0
20
90
7D621K
620
558-682
385
505
1025
1200
600
0.25
33.0
22
80
7D681K
680
612-748
420
560
1120
1200
600
0.25
33.0
22
75
7D751K
750
657-825
460
615
1240
1200
600
0.25
55
22
63
7D781K
780
702-858
485
640
1290
1200
600
0.25
53
22
60
7D821K
820
738-902
510
670
1355
1200
600
0.25
60
22
55
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com