Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5D301K Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 5D301K
Description  5D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

5D301K Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  5D301K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 5D301K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 5D301K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 5D301K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
5D series
www.yint.com.cn
Rev:19.3
3
5D 系列 电气参数 5D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
V5A
1t
2t
(
W)
10/1000
2ms
1KHz
(V)
(V)
(V)
(A)
(A)
(PF)
5D180L
18
16-21
11
14
40
100
50
0.01
0.4
0.3
1.4k
5D220K
22
20-24
14
18
48
100
50
0.01
0.5
0.4
1.15k
5D270K
27
24-30
17
22
60
100
50
0.01
0.6
0.5
930
5D330K
33
30-36
20
26
73
100
50
0.01
0.8
0.6
760
5D390K
39
35-43
25
31
86
100
50
0.01
0.9
0.8
640
5D470K
47
42-52
30
38
104
100
50
0.01
1.1
1.0
530
5D560K
56
50-62
35
45
123
100
50
0.01
1.3
1.0
450
5D680K
68
61-75
40
56
150
100
50
0.01
1.6
1.2
370
5D820K
82
74-90
50
65
145
400
200
0.1
2.5
1.7
300
5D101K
100
90-100
60
85
175
400
200
0.1
3.0
2.0
250
5D121K
120
108-132
75
100
210
400
200
0.1
4.0
2.5
210
5D151K
150
135-165
95
125
260
400
200
0.1
4.8
3.0
165
5D181K
180
162-198
115
150
320
400
200
0.1
5.9
3.6
140
5D201K
200
185-225
130
170
355
400
200
0.1
6.5
4.0
125
5D221K
220
198-242
140
180
380
400
200
0.1
7.0
4.5
110
5D241K
240
216-264
150
200
415
400
200
0.1
8.0
5.0
100
5D271K
270
243-297
175
225
475
400
200
0.1
8.5
6.0
95
5D301K
300
270-330
195
250
520
400
200
0.1
9.0
6.5
85
5D331K
330
297-363
215
275
570
400
200
0.1
9.5
7.0
75
5D361K
360
324-396
230
300
620
400
200
0.1
10.0
7.5
70
5D391K
390
351-429
250
320
675
400
200
0.1
12.0
8.0
65
5D431K
430
387-473
275
350
745
400
200
0.1
13.0
9.0
60
5D471K
470
423-517
300
385
810
400
200
0.1
15.0
10
55
5D511K
510
459-561
320
410
845
400
200
0.1
16.0
11
50
5D561K
560
504-616
350
455
920
400
200
0.1
16.0
11
45
5D621K
620
558-682
385
505
1025
800
600
0.1
24.0
18
75
5D681K
680
612-748
385
560
1125
800
600
0.1
24.0
19
68
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com