Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS3000-GS18 Datasheet(PDF) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMS3000-GS18
Description  Low Current SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMS3000-GS18 Datasheet(HTML) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMS3000-GS18 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VLMO30.., VLMS30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-Nov-15
7
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
METHOD OF TAPING / POLARITY AND TAPE AND REEL
SMD LED (VLM.3 - SERIES)
Vishay’s LEDs in SMD packages are available in an
antistatic 8 mm blister tape (in accordance with DIN IEC 40
(CO) 564) for automatic component insertion. The blister
tape is a plastic strip with impressed component cavities,
covered by a top tape.
TAPING OF VLM.3...
Fig. 8 - Tape Dimensions in mm for PLCC-2
REEL PACKAGE DIMENSION IN MILLIMETERS
FOR SMD LEDS, TAPE OPTION GS08
(= 1500 PCS.)
Fig. 9 - Reel Dimensions - GS08
REEL PACKAGE DIMENSION IN MILLIMETERS
FOR SMD LEDS, TAPE OPTION GS18
(= 8000 PCS.) PREFERRED
Fig. 10 - Reel Dimensions - GS18
SOLDERING PROFILE
Fig. 11 - Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020)
Fig. 12 - Double Wave Soldering of Opto Devices (all Packages)
Adhesive tape
Component cavity
Blister tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668
180
178
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Identification
Label:
Vishay
type
group
tape code
production
code
quantity
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
type
group
tape code
production
code
quantity
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC level 2a
max. 2 cycles allowed
255 °C
235 °C
to 260 °C
2 K/s
ca. 200 K/s
second
wave
first wave
5 s
full line: typical
dotted line: process limits
Time (s)
lead temperature
300
250
200
150
100
50
0
0
50
100
150
200
250
948626-1
TTW Soldering (acc. to CECC00802)
100 °C
to 130 °C
forced cooling
ca. 2 K/s
ca. 5 K/s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com