Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS20J2L1 Datasheet(PDF) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMS20J2L1
Description  Low Current Mini SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMS20J2L1 Datasheet(HTML) 7 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button VLMS20J2L1 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS20J2L1 Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
VLMS20.., VLMK20.., VLMO20.., VLMY20.., VLMP20..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 22-May-2019
7
Document Number: 81339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
Drawing-No.: 6.541-5069.01-4
Issue: 2; 24.11.14
2.2 ± 0.1
2.05 ± 0.1
0.4 ± 0.1
0.9 ± 0.1
1.4 ± 0.1
Cathode mark
Not indicated tolerances ± 0.2
(1.5)
Area not flat
technical drawings
according to DIN
specifications
Solder resist
Cu.area > 5 mm2
1
Proposed pad layout
(for reference only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com