Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMW1501 Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMW1501
Description  Ultrabright 0402 ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMW1501 Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMW1501 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1501 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1501 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1501 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1501 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1501 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1501 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1501 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VLMW15..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 12-Jun-15
4
Document Number: 82522
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 6 - Coordinates of Colorgroups
Fig. 7 - Relative Luminous Intensity vs. Angular Displacement
REEL DIMENSIONS in millimeters
3000 pieces per reel / 3 reels per box
0.1
1
10
0
1020304050607080
Tamb - Ambient Temperature (°C)
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.25
0.27
0.29
0.31
0.33
0.35
x-Coordinates of Colorgroups
S2
S3
S4
S6
S5
S1
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
9.4 ± 1.5
technical drawings
according to DIN
specifications
Drawing-No.: 9.800-5122.01-4
Issue: 2; 03.11.11
22611



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com