Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMW1503 Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMW1503
Description  Ultrabright 0402 ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMW1503 Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMW1503 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1503 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1503 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1503 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1503 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1503 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1503 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW1503 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLMW15..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 12-Jun-15
2
Document Number: 82522
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 15 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Forward voltage is measured with a tolerance of ± 0.1 V.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMW15..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
DC forward current
Tamb
≤ 25 °C
IF
20
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
70
mW
Operating temperature range
Tamb
-30 to +80
°C
Storage temperature range
Tstg
-55 to +105
°C
Thermal resistance junction/ambient
RthJA
550
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMW15.., WHITE
PARAMETER
TEST CONDITION
TYPE
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 5 mA
VLMW1500
IV
45
90
180
mcd
VLMW1501
IV
71
90
180
mcd
VLMW1502
IV
71
90
180
mcd
VLMW1503
IV
71
90
180
mcd
Chromatically coordinate x acc. to CIE 1931
IF = 5 mA
VLMW1500,
VLMW1503
x
-
0.304
-
Chromatically coordinate y acc. to CIE 1931
IF = 5 mA
y
-
0.300
-
Chromatically coordinate x acc. to CIE 1931
IF = 5 mA
VLMW1501
x
-
0.294
-
Chromatically coordinate y acc. to CIE 1931
IF = 5 mA
y
-
0.286
-
Chromatically coordinate x acc. to CIE 1931
IF = 5 mA
VLMW1502
x
-
0.314
-
Chromatically coordinate y acc. to CIE 1931
IF = 5 mA
y
-
0.315
-
Angle of half intensity
IF = 5 mA
ϕ
-± 65
-
deg
Forward voltage
IF = 5 mA
VF
2.65
2.90
3.05
V
Reverse current (1)
VR = 5 V
IR
-10
-
μA
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
at 5 mA
MIN.
MAX.
P45
71
Q
71
112
R
112
180
FORWARD VOLTAGE CLASSIFICATION
GROUP
FORWARD VOLTAGE (V)
MIN.
MAX.
V2
2.65
2.75
V3
2.75
2.85
V4
2.85
2.95
V5
2.95
3.05
TYPE
CC GROUP
VLMW1500,VLMW1503
S1 to S6
VLMW1501
S1 to S4
VLMW1502
S3 to S6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com