Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9301 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9301
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9301 Datasheet HTML 17Page - Texas Instruments TLV9301 Datasheet HTML 18Page - Texas Instruments TLV9301 Datasheet HTML 19Page - Texas Instruments TLV9301 Datasheet HTML 20Page - Texas Instruments TLV9301 Datasheet HTML 21Page - Texas Instruments TLV9301 Datasheet HTML 22Page - Texas Instruments TLV9301 Datasheet HTML 23Page - Texas Instruments TLV9301 Datasheet HTML 24Page - Texas Instruments TLV9301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Cload
+
±
Vin
Vout
+Vs
Riso
-Vs
Cap Load (pF)
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
45
50
C007
Positive overshoot
Negative overshoot
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
5
10
15
20
25
30
35
40
45
50
55
60
C008
Positive overshoot
Negative overshoot
21
TLV9301, TLV9302, TLV9304
www.ti.com
SBOS941A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9302
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.5 Capacitive Load and Stability
The TLV930x features a resistive output stage capable of driving smaller capacitive loads, and by leveraging an
isolation resistor, the device can easily be configured to drive large capacitive loads. Increasing the gain
enhances the ability of the amplifier to drive greater capacitive loads; see Figure 46 and Figure 47. The particular
op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier is stable in operation.
Figure 46. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step, G = 1)
Figure 47. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step, G = -1)
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small (10
Ω to 20 Ω) resistor, RISO, in series with the output, as shown in Figure 48. This resistor significantly reduces
ringing and maintains DC performance for purely capacitive loads. However, if a resistive load is in parallel with
the capacitive load, then a voltage divider is created, thus introducing a gain error at the output and slightly
reducing the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible at
low output levels. A high capacitive load drive makes the TLV930x well suited for applications such as reference
buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 48 uses an isolation resistor,
RISO, to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for increased phase
margin. For additional information on techniques to optimize and design using this circuit, TI Precision Design
TIDU032 details complete design goals, simulation, and test results.
Figure 48. Extending Capacitive Load Drive With the TLV9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com