Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K15AFU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K15AFU
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K15AFU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K15AFU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K15AFU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K15AFU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K15AFU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K15AFU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K15AFU
2014-03-01
2
Electrical characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
V (BR) DSS
ID = 0.1 mA, VGS = 0 V
30
⎯
⎯
Drain-Source breakdown voltage
V (BR) DSX
ID = 0.1 mA, VGS = -10 V (Note 3)
16
⎯
⎯
V
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
⎯
⎯
1
μA
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
⎯
⎯
±1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.8
⎯
1.5
V
Forward transfer admittance
|Yfs|
VDS = 3 V, ID = 10 mA
(Note 2)
35
⎯
⎯
mS
ID = 10 mA, VGS = 4 V
(Note 2)
⎯
2.3
3.6
Drain-Source ON-resistance
RDS (ON)
ID = 10 mA, VGS = 2.5 V
(Note 2)
⎯
3.5
6.0
Ω
Input capacitance
Ciss
⎯
13.5
⎯
Output capacitance
Coss
⎯
8.0
⎯
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0 V, f = 1 MHz
⎯
6.5
⎯
pF
Turn-on time
ton
⎯
5.5
⎯
Switching time
Turn-off time
toff
VDD = 5 V, ID = 10 mA
VGS = 0 to 5 V, RG = 50 Ω
⎯
35
⎯
ns
Drain-source forward voltage
VDSF
ID = -100 mA, VGS = 0 V
(Note 2)
⎯
-0.85
-1.2
V
Note 2: Pulse test
Note 3: If a reverse bias is applied between gate and source, this device enters V(BR)DSX mode. Note that the
drain-source breakdown voltage is lowered in this mode
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 0.1 mA for this
product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower voltage
than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on) )
Please take this into consideration for using the device.
Do not use this device under avalanche mode. It may cause the device to break down.
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is
protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects
that come into direct contact with devices should be made of anti-static materials.
Thermal resistance Rth (ch-a) and power dissipation PD vary depending on board material, board area, board thickness
and pad area. When using this device, please take heat dissipation into consideration
(a) Test circuit
VDD = 5 V
RG = 50 Ω
Duty
≤ 1%
VIN: tr, tf < 5 ns
Common source
Ta
= 25°C
(b) VIN
(c) VOUT
5 V
ton
toff
0 V
VDD
VDS (ON)
tr
tf
10%
90%
90%
10%
0
5 V
IN
OUT
VDD
10
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com