Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7012 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 11Page - Analog Devices ADF7012 Datasheet HTML 12Page - Analog Devices ADF7012 Datasheet HTML 13Page - Analog Devices ADF7012 Datasheet HTML 14Page - Analog Devices ADF7012 Datasheet HTML 15Page - Analog Devices ADF7012 Datasheet HTML 16Page - Analog Devices ADF7012 Datasheet HTML 17Page - Analog Devices ADF7012 Datasheet HTML 18Page - Analog Devices ADF7012 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADF7012
Rev. 0 | Page 15 of 28
The nonlinear characteristic of the output stage results in an
output spectrum containing harmonics of the fundamental,
especially the third and fifth. To meet local regulations, a low-
pass filter usually is required to filter these harmonics.
The output stage can be powered down by setting Bit PD2 in
the function register low.
GOOK MODULATION
Gaussian on-off keying (GOOK) represents a prefiltered form
of OOK modulation. The usually sharp symbol transitions are
replaced with smooth Gaussian-filtered transitions with the
result being a reduction in frequency pulling of the VCO.
Frequency pulling of the VCO in OOK mode can lead to a
wider than desired bandwidth, especially if it is not possible to
increase the loop filter bandwidth to > 300kHz.
The GOOK sampling clock samples data at the data rate:
er
IndexCount
tor
DividerFac
F
bps
DataRate
PFD
×
=
)
(
(9)
Bits D1 to D6 represent the output power for the system for a
positive data bit. Divider Factor = 0x3F represents the max-
imum possible deviation from PA at minimum to PA at
maximum output. An index counter setting of 128 is
recommended.
Figure 32 shows the step response of the Gaussian FIR filter.
An index counter of 16 is demonstrated for simplicity. While
the pre-filter data would switch the PA directly from off to on
with a low-to-high data transition, the filtered data gradually
increases the PA output in discrete steps. This has the effect of
making the output spectrum more compact.
PA SETTING
PRE-FILTER DATA
(0 TO 1 TRANSITION)
DISCRETIZED
FILTER OUTPUT
16 (MAX)
15
14
13
12
11
10
9
8
7
5
4
3
2
1 (PA OFF)
6
Figure 32. Varying PA Output for GOOK (Index Counter = 16).
As is the case with GFSK, GOOK requires the bit stream
applied at TxDATA to be synchronized with the sampling clock,
TxCLK (see the GFSK Modulation section).
FREQUENCY (MHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
909.43
910.43
OOK
GOOK
910.93
Figure 33. GOOK vs. OOK Frequency Spectra
(Narrow-Band Measurement)
FREQUENCY (MHz)
20
10
0
–10
–20
–30
–40
–50
–60
–70
–90
–80
885.43
910.43
935.93
GOOK
OOK
Figure 34. GOOK vs. OOK Frequency Spectra
(Wideband Measurement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com