Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K35CTC Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K35CTC
Description  MOSFETs Silicon N-Channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K35CTC Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K35CTC Datasheet HTML 1Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 2Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 3Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 4Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 5Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 6Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 7Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 8Page - Toshiba Semiconductor SSM3K35CTC Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SSM3K35CTC
4
5.4.
5.4.
5.4.
5.4. Gate Charge Characteristics (Unless otherwise specified, T
Gate Charge Characteristics (Unless otherwise specified, T
Gate Charge Characteristics (Unless otherwise specified, T
Gate Charge Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total gate charge (gate-source plus gate-drain)
Gate-source charge 1
Gate-drain charge
Symbol
Qg
Qgs1
Qgd
Test Condition
VDD = 10 V, ID = 200 mA,
VGS = 4.5 V
Min
Typ.
0.34
0.09
0.16
Max
Unit
nC
5.5.
5.5.
5.5.
5.5. Source-Drain Characteristics (Unless otherwise specified, T
Source-Drain Characteristics (Unless otherwise specified, T
Source-Drain Characteristics (Unless otherwise specified, T
Source-Drain Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Diode forward voltage
(Note 1)
Symbol
VDSF
Test Condition
ID = -150 mA, VGS = 0 V
Min
Typ.
-0.8
Max
-1.2
Unit
V
Note 1: Pulse measurement.
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.2
6.2
6.2
6.2 Pin Condition (top view)
Pin Condition (top view)
Pin Condition (top view)
Pin Condition (top view)
2017-12-04
Rev.3.0
©2016-2017
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com