Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C402 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C402
Description  64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C402 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C402 Datasheet HTML 1Page - Cypress Semiconductor CY7C402 Datasheet HTML 2Page - Cypress Semiconductor CY7C402 Datasheet HTML 3Page - Cypress Semiconductor CY7C402 Datasheet HTML 4Page - Cypress Semiconductor CY7C402 Datasheet HTML 5Page - Cypress Semiconductor CY7C402 Datasheet HTML 6Page - Cypress Semiconductor CY7C402 Datasheet HTML 7Page - Cypress Semiconductor CY7C402 Datasheet HTML 8Page - Cypress Semiconductor CY7C402 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY7C401/CY7C403
CY7C402/CY7C404
3
AC Test Loads and Waveforms
C401–6
C401–7
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 5ns
≤ 5 ns
OUTPUT
1.73V
C401–8
R1 437
Ω
R2
272
Ω
R2
272
Ω
R1 437
Ω
167
Ω
Equivalent to: THÉVENIN EQUIVALENT
Switching Characteristics Over the Operating Range[2, 6]
Test
Conditions
7C401–5
7C402–5
7C40X–10
7C40X–15
7C40X–25[7]
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fO
Operating Frequency
Note 8
5
10
15
25
MHz
tPHSI
SI HIGH Time
20
20
20
11
ns
tPLSI
SO LOW Time
45
30
25
20
ns
tSSI
Data Set-Up to SI
Note 9
0
0
0
0
ns
tHSI
Data Hold from SI
Note 9
60
40
30
20
ns
tDLIR
Delay, SI HIGH to IR LOW
75
40
35
21/22
ns
tDHIR
Delay, SI LOW to IR HIGH
75
45
40
28/30
ns
tPHSO
SO HIGH Time
20
20
20
11
ns
tPLSO
SO LOW Time
45
25
25
20
ns
tDLOR
Delay, SO HIGH to OR LOW
75
40
35
19/21
ns
tDHOR
Delay, SO LOW to OR HIGH
80
55
40
34/37
ns
tSOR
Data Set-Up to OR HIGH
0
0
0
0
ns
tHSO
Data Hold from SO LOW
5
5
5
5
ns
tBT
Bubble-Through Time
200
10
95
10
65
10
50/60
ns
tSIR
Data Set-Up to IR
Note 10
5
5
5
5
ns
tHIR
Data Hold from IR
Note 10
30
30
30
20
ns
tPIR
Input Ready Pulse HIGH
20
20
20
15
ns
tPOR
Output Ready Pulse HIGH
20
20
20
15
ns
tPMR
MR Pulse Width
40
30
25
25
ns
tDSI
MR HIGH to SI HIGH
40
35
25
10
ns
tDOR
MR LOW to OR LOW
85
40
35
35
ns
tDIR
MR LOW to IR HIGH
85
40
35
35
ns
tLZMR
MR LOW to Output LOW
Note 11
50
40
35
25
ns
tOOE
Output Valid from OE LOW
—
35
30
20
ns
tHZOE
Output High Z from OE HIGH
Note 12
—
30
25
15
ns
Notes:
6.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V and output loading of the specified IOL/IOH and 30-pF load
capacitance, as in part (a) of AC Test Loads and Waveforms.
7.
Commercial/Military
8.
I/fO > tPHSI + tDHIR, I/fO > tPHSO + tDHOR
9.
tSSI and tHSI apply when memory is not full.
10. tSIR and tHIR apply when memory is full, SI is high and minimum bubble-through (tBT) conditions exist.
11.
All data outputs will be at LOW level after reset goes HIGH until data is entered into the FIFO.
12. HIGH-Z transitions are referenced to the steady-state VOH –500 mV and VOL +500 mV levels on the output. tHZOE is tested with 5-pF load capacitance as
in part (b) of AC Test Loads and Waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com